Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM200RX-12A Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CM200RX-12A
Description  Six IGBTMOD Brake NX-Series Module 200 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM200RX-12A Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM200RX-12A Datasheet HTML 1Page - Powerex Power Semiconductors CM200RX-12A Datasheet HTML 2Page - Powerex Power Semiconductors CM200RX-12A Datasheet HTML 3Page - Powerex Power Semiconductors CM200RX-12A Datasheet HTML 4Page - Powerex Power Semiconductors CM200RX-12A Datasheet HTML 5Page - Powerex Power Semiconductors CM200RX-12A Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CM200RX-12A
Six IGBTMOD™ + Brake NX-Series Module
200 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
5
Rev. 11/08
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(INVERTER PART - TYPICAL)
100
102
102
101
100
10-1
101
0
1
3
2
4
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(INVERTER PART - TYPICAL)
102
103
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(INVERTER PART - TYPICAL)
10
6
8
10
14
12
16
18
20
8
6
4
2
0
Tj = 25°C
Tj = 25°C
Tj = 125°C
VGE = 0V
Cies
Coes
Cres
IC = 400A
IC = 200A
IC = 80A
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(INVERTER PART - TYPICAL)
0
2
4
6
8
10
0
VGE = 20V
10
11
12
13
15
9
8
Tj = 25°C
400
100
200
300
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(INVERTER PART - TYPICAL)
3.5
3.0
0
2.0
2.5
1.0
1.5
0.5
0
400
300
100
200
VGE = 15V
Tj = 25°C
Tj = 125°C
10-1
COLLECTOR CURRENT, I
C, (AMPERES)
104
103
101
102
102
100
101
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(INVERTER PART - TYPICAL)
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
RG = 5.1Ω
Tj = 125°C
Inductive Load
tf
103
GATE RESISTANCE, R
G, (Ω)
103
100
101
102
100
101
SWITCHING TIME VS.
GATE RESISTANCE
(INVERTER PART - TYPICAL)
td(off)
td(on)
tr
VCC = 300V
VGE = ±15V
IC = 200A
Tj = 125°C
Inductive Load
tf
102
GATE CHARGE, Q
G, (nC)
GATE CHARGE VS. VGE
(INVERTER PART)
20
0
16
12
8
4
0
200
800
600
400
VCC = 300V
VCC = 200V
IC = 200A
EMITTER CURRENT, I
E, (AMPERES)
REVERSE RECOVERY CHARACTERISTICS
(INVERTER PART - TYPICAL)
103
101
102
102
101
103
VCC = 300V
VGE = ±15V
RG = 5.1Ω
Tj = 25°C
Inductive Load
Irr
trr


Similar Part No. - CM200RX-12A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200RX-12A MITSUBISHI-CM200RX-12A Datasheet
233Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM200RX-12A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM100RX-12A POWEREX-CM100RX-12A Datasheet
647Kb / 6P
   Six IGBTMOD Brake NX-Series Module 100 Amperes/600 Volts
CM150RX-12A POWEREX-CM150RX-12A Datasheet
576Kb / 6P
   Six IGBTMOD?? Brake NX-Series Module 150 Amperes/600 Volts
CM200TU-12H POWEREX-CM200TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 200 Amperes/600 Volts
QIS0660004 POWEREX-QIS0660004 Datasheet
640Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/600 Volts
MG200J6ES61 POWEREX-MG200J6ES61 Datasheet
222Kb / 4P
   Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
MG200F6ES61 POWEREX-MG200F6ES61 Datasheet
222Kb / 4P
   Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
QID0640020 POWEREX-QID0640020 Datasheet
642Kb / 5P
   Dual IGBTMOD NX-Series Module 400 Amperes/600 Volts
QIS1260015 POWEREX-QIS1260015 Datasheet
600Kb / 5P
   Single IGBTMOD NX-Series Module 600 Amperes/1200 Volts
CM150RX-24S POWEREX-CM150RX-24S Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 150 Amperes/1200 Volts
CM75RX-34SA POWEREX-CM75RX-34SA Datasheet
1Mb / 13P
   Six IGBT Brake NX-Series Module 75 Amperes/1700 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com