Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117IKTPRG3 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV1117IKTPRG3
Description  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117IKTPRG3 Datasheet(HTML) 3 Page - Texas Instruments

  TLV1117IKTPRG3 Datasheet HTML 1Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 2Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 3Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 4Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 5Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 6Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 7Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 8Page - Texas Instruments TLV1117IKTPRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TLV1117
www.ti.com
SLVS561K – DECEMBER 2004 – REVISED APRIL 2013
TLV1117I ORDERING INFORMATION(1)
TA
VO TYP
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – DRJ
Reel of 1000
TLV1117-15IDRJR
ZYJ
Tube of 80
TLV1117-15IDCY
1.5 V
SOT-223 – DCY
T3
Reel of 2500
TLV1117-15IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-15IKVUR
ZF15
QFN – DRJ
Reel of 1000
TLV1117-18IDRJR
ZYL
Tube of 80
TLV1117-18IDCY
1.8 V
SOT-223 – DCY
T5
Reel of 2500
TLV1117-18IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-18IKVUR
ZF18
QFN – DRJ
Reel of 1000
TLV1117-25IDRJR
ZYN
Tube of 80
TLV1117-25IDCY
2.5 V
SOT-223 – DCY
T8
Reel of 2500
TLV1117-25IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-25IKVUR
ZF25
QFN – DRJ
Reel of 1000
TLV1117-33IDRJR
ZYR
–40°C to 125°C
Tube of 80
TLV1117-33IDCY
3.3 V
SOT-223 – DCY
VS
Reel of 2500
TLV1117-33IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-33IKVUR
ZF33
QFN – DRJ
Reel of 1000
TLV1117-50IDRJR
ZF50
Tube of 80
TLV1117-50IDCY
5 V
SOT-223 – DCY
VU
Reel of 2500
TLV1117-50IDCYR
TO-252 – KVU
Reel of 2500
TLV1117-50IKVUR
ZF50
QFN – DRJ
Reel of 1000
TLV1117IDRJR
ZYT
Tube of 80
TLV1117IDCY
SOT-223 – DCY
V2
Reel of 2500
TLV1117IDCYR
ADJ
TO-220 – KCS
Tube of 50
TLV1117IKCS
TLV1117I
TO-252 – KVU
Reel of 2500
TLV1117IKVUR
TY1117
TO-263 – KTT
Reel of 500
TLV1117IKTTR
TLV1117I
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV1117


Similar Part No. - TLV1117IKTPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117IKTPRG3 TI-TLV1117IKTPRG3 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLV1117IKTPRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117 TI-TLV1117_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV1117 Adjustable and Fixed Low-Dropout Voltage Regulator
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Sipex Corporation
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com