Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3825QTRG3 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC3825QTRG3
Description  High Speed PWM Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3825QTRG3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC3825QTRG3 Datasheet HTML 3Page - Texas Instruments UC3825QTRG3 Datasheet HTML 4Page - Texas Instruments UC3825QTRG3 Datasheet HTML 5Page - Texas Instruments UC3825QTRG3 Datasheet HTML 6Page - Texas Instruments UC3825QTRG3 Datasheet HTML 7Page - Texas Instruments UC3825QTRG3 Datasheet HTML 8Page - Texas Instruments UC3825QTRG3 Datasheet HTML 9Page - Texas Instruments UC3825QTRG3 Datasheet HTML 10Page - Texas Instruments UC3825QTRG3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
UC1825
UC2825
UC3825
Forward Technique for Off-Line Voltage Mode Application
Constant Volt-Second Clamp Circuit
The circuit shown here will achieve a constant
volt-second product clamp over varying input voltages.
The ramp generator components, RT and CR are cho-
sen so that the ramp at Pin 9 crosses the 1V threshold
at the same time the desired maximum volt-second
product is reached. The delay through the functional
nor block must be such that the ramp capacitor can be
completely discharged during the minimum deadtime.
Output Section
Simplified Schematic
Rise/Fall Time (CL=1nF)
Rise/Fall Time (CL=10nF)
Saturation Curves


Similar Part No. - UC3825QTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3825QTRG3 TI1-UC3825QTRG3 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3825QTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com