Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM300DX-24S Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM300DX-24S
Description  Dual IGBT NX-Series Module 300 Amperes/1200 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM300DX-24S Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM300DX-24S Datasheet HTML 1Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 2Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 3Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 4Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 5Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 6Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 7Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 8Page - Powerex Power Semiconductors CM300DX-24S Datasheet HTML 9Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual IGBT
NX-Series Module
300 Amperes/1200 Volts
CM300DX-24S
1
05/13 Rev. 5
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272
www.pwrx.com
Description:
Powerex IGBT Modules are
designed for use in switching
applications. Each module
consists of two IGBT Transistors
in a half-bridge configuration with
each transistor having a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated from
the heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
£
Low Drive Power
£
Low VCE(sat)
£
Discrete Super-Fast Recovery
Free-Wheel Diode
£
Isolated Baseplate for Easy
Heat Sinking
Applications:
£
AC Motor Control
£
Motion/Servo Control
£
Photovoltaic/Fuel Cell
Ordering Information:
Example: Select the complete
module number you desire from
the table below -i.e.
CM300DX-24S is a 1200V (VCES),
300 Ampere Dual IGBT Power
Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
300
24
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
5.98
152.0
B
2.44
62.0
C
0.67+0.04/-0.02
17.0+1.0/-0.5
D
5.39
137.0
E
4.79
121.7
F
4.33±0.02
110.0±0.5
G
3.89
99.0
H
3.72
94.5
J
0.53
13.5
K
0.15
3.81
L
1.64
41.66
M
0.30
7.75
N
1.95
49.53
P
0.9
22.86
Q
0.55
14.0
R
0.87
22.0
S
0.67
17.0
T
0.48
12.0
U
0.24
6.0
V
0.16
4.2
W
0.37
6.5
X
0.83
21.14
Y
M6
M6
Z
1.53
39.0
Dimensions
Inches
Millimeters
AA
1.97±0.02
50.0±0.5
AB
2.26
57.5
AC
0.22 Dia.
5.5 Dia.
AD
0.6
15.0
AE
0.51
13.0
AF
0.27
7.0
AG
0.03
0.8
AH
0.81
20.5
AJ
0.12
3.0
AK
0.14
3.5
AL
0.26
6.5
AM
0.53
13.5
AN
0.15
3.81
AP
0.05
1.15
AQ
0.025
0.65
AR
0.29
7.4
AS
0.05
1.2
AT
0.17 Dia.
4.3 Dia.
AU
0.102 Dia.
2.6 Dia.
AV
0.088 Dia.
2.25 Dia.
AW
0.12
3.0
AX
0.49
12.5
AY
0.14
3.75
G2(38)
C2E1(24) C2E1(23)
Tr2
Di2
Di1
Tr1
Es2(39)
E2
(47)
C1
(48)
Th
TH1
(1)
TH2
(2)
G1(15)
Cs1(22)
Es1(16)
NTC
DETAIL "B"
A
D
E
F
J
J
AR
Z
AA
AB
B
AH
AJ
AX
AW
AL
AM
AK
AE
S
AS
AN
AQ
AF
AG
AY
AT
AU
AV
AP
G
H
P
C
X
T
T
S
S
Q
R
Q
N
V
U
U
W
AC (4 PLACES)
M
AD
KK
K
Y
(4 PLACES)
DETAIL "A"
DETAIL "B"
DETAIL "A"
12
34 56
78
910111213141516171819202122
23
24
48
47
46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
Tolerance Otherwise Specified (mm)
The tolerance of size between
terminals is assumed to ±0.4
Division of Dimension Tolerance
0.5 to
3
±0.2
over
3
to
6
±0.3
over
6
to 30
±0.5
over
30
to 120
±0.8
over 120
to 400
±1.2
L


Similar Part No. - CM300DX-24S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM300DX-24S MITSUBISHI-CM300DX-24S Datasheet
369Kb / 9P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM300DX-24S1 MITSUBISHI-CM300DX-24S1 Datasheet
708Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM300DX-24S

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400C1Y-24S POWEREX-CM400C1Y-24S Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 300 Amperes/1200 Volts
CM300EXS-24S POWEREX-CM300EXS-24S Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 300 Amperes/1200 Volts
QID1230015 POWEREX-QID1230015 Datasheet
585Kb / 5P
   Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
CM300DX1-24NFJ POWEREX-CM300DX1-24NFJ Datasheet
692Kb / 6P
   Dual IGBTMOD NX-Series Module 300 Amperes/1200 Volts
CM600DXL-24S POWEREX-CM600DXL-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 600 Amperes/1200 Volts
CM1000DXL-24S POWEREX-CM1000DXL-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 1000 Amperes/1200 Volts
CM450DX-24S POWEREX-CM450DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 450 Amperes/1200 Volts
CM150DX-24S POWEREX-CM150DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 150 Amperes/1200 Volts
CM200DX-24S POWEREX-CM200DX-24S Datasheet
1Mb / 9P
   Dual IGBT NX-Series Module 200 Amperes/1200 Volts
CM150EXS-24S POWEREX-CM150EXS-24S Datasheet
1Mb / 9P
   Chopper IGBT NX-Series Module 150 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com