Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9142BCPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 7Page - Analog Devices AD9142BCPZ Datasheet HTML 8Page - Analog Devices AD9142BCPZ Datasheet HTML 9Page - Analog Devices AD9142BCPZ Datasheet HTML 10Page - Analog Devices AD9142BCPZ Datasheet HTML 11Page - Analog Devices AD9142BCPZ Datasheet HTML 12Page - Analog Devices AD9142BCPZ Datasheet HTML 13Page - Analog Devices AD9142BCPZ Datasheet HTML 14Page - Analog Devices AD9142BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 11 of 64
Pin No.
Mnemonic
Description
25
D9N
Data Bit 9, Negative.
26
D8P
Data Bit 8, Positive.
27
D8N
Data Bit 8, Negative.
28
DCIP
Data Clock Input, Positive.
29
DCIN
Data Clock Input, Negative.
30
D7P
Data Bit 7, Positive.
31
D7N
Data Bit 7, Negative.
32
D6P
Data Bit 6, Positive.
33
D6N
Data Bit 6, Negative.
34
D5P
Data Bit 5, Positive.
35
D5N
Data Bit 5, Negative.
36
DVDD18
1.8 V Digital Supply. Pin 36 supplies power to the digital core, digital data ports, serial port input/output pins,
RESET, IRQ1, and IRQ2.
37
D4P
Data Bit 4, Positive.
38
D4N
Data Bit 4, Negative.
39
D3P
Data Bit 3, Positive.
40
D3N
Data Bit 3, Negative.
41
D2P
Data Bit 2, Positive.
42
D2N
Data Bit 2, Negative.
43
DVDD18
1.8 V Digital Supply. Pin 43 supplies power to the digital core, digital data ports, serial port input/output pins,
RESET, IRQ1, and IRQ2.
44
D1P
Data Bit 1, Positive.
45
D1N
Data Bit 1, Negative.
46
D0P
Data Bit 0 (LSB), Positive.
47
D0N
Data Bit 0 (LSB), Negative.
48
DVDD18
1.8 V Digital Supply. Pin 48 supplies power to the digital core, digital data ports, serial port input/output pins,
RESET, IRQ1, and IRQ2.
49
DVDD18
1.8 V Digital Supply. Pin 49 supplies power to the digital core, digital data ports, serial port input/output
pins, RESET, IRQ1, and IRQ2.
50
IRQ2
Second Interrupt Request. Open-drain, active low output. Connect an external pull-up to DVDD18 through a 10 kΩ resistor.
51
IRQ1
First Interrupt Request. Open-drain, active low output. Connect an external pull-up to DVDD18 through a 10 kΩ resistor.
52
SDIO
Serial Port Data Input/Output. CMOS levels with respect to DVDD18.
53
SCLK
Serial Port Clock Input. CMOS levels with respect to DVDD18.
54
CS
Serial Port Chip Select. Active low (CMOS levels with respect to DVDD18).
55
AVDD33
3.3 V Analog Supply.
56
IOUT2P
QDAC Positive Current Output.
57
IOUT2N
QDAC Negative Current Output.
58
AVDD33
3.3 V Analog Supply.
59
CVDD18
1.8 V Clock Supply. Supplies clock receivers and clock distribution.
60
CVDD18
1.8 V Clock Supply. Supplies clock receivers and clock distribution.
61
DACCLKN
DAC Clock Input, Negative.
62
DACCLKP
DAC Clock Input, Positive.
63
CVDD18
1.8 V Clock Supply. Supplies clock receivers and clock distribution.
64
CVDD18
1.8 V Clock Supply. Supplies clock receivers and clock distribution.
65
AVDD33
3.3 V Analog Supply.
66
IOUT1N
IDAC Negative Current Output.
67
IOUT1P
IDAC Positive Current Output.
68
AVDD33
3.3 V Analog Supply.
69
FSADJ
Full-Scale Current Output Adjust. Place a 10 kΩ resistor from this pin to AVSS.
70
REFIO
Voltage Reference. Nominally 1.2 V output. Decouple REFIO to AVSS.
71
CVDD18
1.8 V Clock Supply. Pin 71 supplies the clock receivers, clock multiplier, and clock distribution.
72
CVDD18
1.8 V Clock Supply. Pin 72 supplies the clock receivers, clock multiplier, and clock distribution.
EPAD
Exposed Pad. The exposed pad (EPAD) must be soldered to the ground plane (AVSS). The EPAD provides an
electrical, thermal, and mechanical connection to the board.


Similar Part No. - AD9142BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5372-EBZ AD-AD9142A-M5372-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142A-M5375-EBZ AD-AD9142A-M5375-EBZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZ AD-AD9142ABCPZ Datasheet
1Mb / 73P
   Multiple chip synchronization
AD9142ABCPZRL AD-AD9142ABCPZRL Datasheet
1Mb / 73P
   Multiple chip synchronization
More results

Similar Description - AD9142BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com