Electronic Components Datasheet Search |
|
GR7552B11H102KA01D Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
GR7552B11H102KA01D Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 221 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog. Continued from the preceding page. Continued on the following page. 25 to 85 °C 25 to 85 °C 25 to 85 °C 25 to 125 °C *6 -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 105 °C -220 ±60ppm/°C -330 ±60ppm/°C -470 ±60ppm/°C -750 ±120ppm/°C ±10% ±10% ±22% ±22% R2H *1 S2H *1 T2H *1 U2J *1 B *2 B X7S X6S 6R 6S 6T 7U B1 B3 C7 C8 -55 to 125 °C -55 to 125 °C -55 to 125 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 105 °C tTemperature Characteristics Code Temperature Characteristic Codes Temperature Characteristics 20 to 85 °C 20 to 125 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 125 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 85 °C 20 to 125 °C 25 to 125 °C 25 to 150 °C 25 to 125 °C 25 to 85 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 20 °C 25 °C 25 °C 25 °C 25 °C Temperature Range Reference Temperature +350 to -1000ppm/ °C 0 ±60ppm/°C -150 ±60ppm/°C -220 ±60ppm/°C -330 ±60ppm/°C -470 ±60ppm/°C 0 ±120ppm/°C -150 ±120ppm/°C -220 ±120ppm/°C -330 ±120ppm/°C -470 ±120ppm/°C -750 ±120ppm/°C 0 ±250ppm/°C 0 ±30ppm/°C 0 ±30ppm/°C 0 ±60ppm/°C -150 ±60ppm/°C Capacitance Change or Temperature Coefficient SL *1 CH *1 PH *1 RH *1 SH *1 TH *1 CJ *1 PJ *1 RJ *1 SJ *1 TJ *1 UJ *1 CK *1 C0G *1 X8G *1 C0H *1 P2H *1 JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS JIS EIA EIA EIA EIA 25 °C 25 °C 25 °C 25 °C 20 °C 20 °C 25 °C 25 °C EIA EIA EIA EIA JIS JIS EIA EIA -25 to 85 °C -30 to 85 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C -55 to 85 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C +30, -80% +22, -82% +15, -40% ±15% ±15% ±15% ±15% ±15% ±10% *4 +22, -33% *5 F *2 Y5V X8L R *2 R X5R X7R X8R - F1 F5 L8 R1 R3 R6 R7 R9 W0 -25 to 85 °C -30 to 85 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C -55 to 85 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C 20 °C 25 °C 25 °C 20 °C 20 °C 25 °C 25 °C 25 °C 25 °C JIS EIA *3 JIS JIS EIA EIA EIA - -55 to 125 °C +22, -33% X7T D7 -55 to 125 °C 25 °C EIA -55 to 105 °C +22, -33% X6T D8 -55 to 105 °C 25 °C EIA -55 to 125 °C +22, -56% X7U E7 -55 to 125 °C 25 °C EIA Public STD Code 1X 2C 2P 2R 2S 2T 3C 3P 3R 3S 3T 3U 4C 5C 5G 6C 6P -55 to 125 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -25 to 85 °C -55 to 125 °C -55 to 125 °C -55 to 150 °C -55 to 125 °C -55 to 125 °C Operating Temperature Range *1 Please refer to table for Capacitance Change under reference temperature. *2 Capacitance change is specified with 50% rated voltage applied. *3 Murata Temperature Characteristic Code. *4 Apply DC350V bias. *5 No DC bias. *6 Rated Voltage 100Vdc max : 25 to 85 °C 3 • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |
Similar Part No. - GR7552B11H102KA01D |
|
Similar Description - GR7552B11H102KA01D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |