Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1206C220DCT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U1206C220DCT
Description  Multilayer Ceramic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U1206C220DCT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U1206C220DCT Datasheet HTML 1Page - List of Unclassifed Manufacturers U1206C220DCT Datasheet HTML 2Page - List of Unclassifed Manufacturers U1206C220DCT Datasheet HTML 3Page - List of Unclassifed Manufacturers U1206C220DCT Datasheet HTML 4Page - List of Unclassifed Manufacturers U1206C220DCT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multilayer Ceramic Capacitors
Page <1>
14/01/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• A wide selection of sizes is available (0402 to 1812)
• High capacitance in given case size
• Capacitor with lead-free termination (pure Tin)
Description
MLCC consists of a conducting material and electrodes. To manufacture a chip-type SMT and achieve miniaturization, high density
and high efficiency, ceramic condensers are used.
POE’s MLCC is made by NP0, X7R and Y5V dielectric material and which provides product with high electrical precision, stability and
reliability.
Applications
For general digital circuit.
For power supply bypass capacitors.
For consumer electronics.
For telecommunication.
External Dimensions
Dimensions : Inches (Millimetres)
Size
Inches (mm)
L
(mm)
W
(mm)
T (mm)/Symbol
Remark
MB
(mm)
0603 (1608)
1.6 ±0.1
0.8 ±0.1
0.8 ±0.07
S
0.4 ±0.15
1.6
+0.15 /- 0.1
0.8
+0.15 / -0.1
0.8
+0.15 / -0.1
X
0805 (2012)
2 ±0.15
1.25 ±0.1
0.6 ±0.1
A
0.5 ±0.2
0.8 ±0.1
B
1.25 ±0.1
D
#
1206 (3216)
3.2 ±0.15
1.6 ±0.15
0.8 ±0.1
B
0.6 ±0.2
0.95 ±0.1
C
1.15 ±0.15
J
#
1.25 ±0.1
D
3.2 ±0.2
1.6 ±0.2
1.6 ±0.2
G
3.2 +0.3 / -0.1
1.6 +0.3 / -0.1
1.6 +0.3 / -0.1
P
# Reflow soldering only is recommended.
Dielectric
NPO
X7R
Y5V
Size
0603, 0805, 1206
Capacitance range*
0.5 pF to 0.039
µF
100 pF to 1
µF
10 nF to 680 nF
Capacitance tolerance**
Cap
≤ 5 pF: B (±0.1 pF), C (±0.25 pF)
5 pF< Cap < 10 pF: C (±0.25 pF), D (±0.5 pF)
Cap
≥ 10 pF: F (±1%), G (±2%), J (±5%), K
(±10%)
J (±5%), K (±10%), M
(±20%)
M (±20%), Z (-20 / +80%)
General Electrical Data


Similar Part No. - U1206C220DCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U1206C220BCT ETC2-U1206C220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206C220GCT ETC2-U1206C220GCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206C220JCT ETC2-U1206C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - U1206C220DCT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com