Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400HC-34N Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # CM2400HC-34N
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM2400HC-34N Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  CM2400HC-34N_11 Datasheet HTML 1Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 2Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 3Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 4Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 5Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 6Page - Powerex Power Semiconductors CM2400HC-34N_11 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CONFIDENTIAL
MITSUBISHI HVIGBT MODULES
CM2400HC-34N
HIGH POWER SWITCHING USE
4
th-Version HVIGBT (High Voltage Insulated Gate Bipolar Transistor) MODULES
INSULATED TYPE
HVIGBT (High Voltage Insulated Gate Bipolar Transistor) Modules
HVM-1035-C
5 of 7
PERFORMANCE CURVES
CAPACITANCE CHARACTERISTICS
(TYPICAL)
1
10
100
1000
10000
0.1
1
10
100
Collector-Emitter Voltage [V]
Cies
VGE = 0V, Tj = 25°C
f = 100kHz
Coes
Cres
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS (TYPICAL)
0
0.5
1
1.5
2
2.5
3
0
1000
2000
3000
4000
5000
Collector Current [A]
Erec
VCC = 850V, VGE = ±15V
RG(on) = 0.7 Ω, RG(off) = 1.6 Ω
Tj = 125°C, Inductive load
Eoff
Eon
GATE CHARGE CHARACTERISTICS
(TYPICAL)
-15
-10
-5
0
5
10
15
20
010
20
30
Gate Charge [µC]
40
VCE = 850V, IC = 2400A
Tj = 25°C
HALF-BRIDGE SWITCHING ENERGY
CHARACTERISTICS (TYPICAL)
0
1
2
3
4
5
02
4
68
10
12
Gate Resistance [Ω]
Erec
VCC = 850V, IC = 2400A
VGE = ±15V, Tj = 125°C
Inductive load
Eoff
Eon


Similar Part No. - CM2400HC-34N_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM2400HC-34N MITSUBISHI-CM2400HC-34N_09 Datasheet
63Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM2400HC-34N_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com