Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM400TU-07A Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # FM400TU-07A
Description  6-PACK High Power MOSFET Module 200 Amperes/75 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM400TU-07A Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  FM400TU-07A Datasheet HTML 1Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 2Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 3Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 4Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 5Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 6Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 7Page - Powerex Power Semiconductors FM400TU-07A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FM400TU-07A
6-Pack High Power MOSFET Module
200 Amperes/75 Volts
6
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
DRAIN-SOURCE VOLTAGE, VDS, (VOLTS)
10-1
100
101
102
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
VGS = 0V
Ciss
trr
Irr
Coss
Crss
102
101
100
SOURCE CURRENT, IS, (AMPERES)
101
102
103
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
VDD = 48V
VGS = ±15V
RG = 6.3Ω
Tj = 25°C
INDUCTIVE LOAD
103
102
101
100
DRAIN CURRENT, ID, (AMPERES)
101
102
103
SWITCHING LOSS VS. DRAIN CURRENT
(TYPICAL)
101
100
10-1
10-2
VDD = 48V
VGS = ±15V
RG = 6.3Ω
Tj = 125°C
INDUCTIVE LOAD
GATE RESISTANCE, RG, (Ω)
0
10
20
30
40
50
60
70
SWITCHING LOSS VS. GATE RESISTANCE
(TYPICAL)
102
101
100
10-1
10-2
VDD = 48V
VGS = ±15V
ID = 200A
ESW(off)
ESW(on)
Err
ESW(off)
ESW(on)
Err
Tj = 125°C
INDUCTIVE LOAD


Similar Part No. - FM400TU-07A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM400TU-07A MITSUBISHI-FM400TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Similar Description - FM400TU-07A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
QJD0240002 POWEREX-QJD0240002 Datasheet
74Kb / 2P
   Dual Power MOSFET Module (400 Amperes/200 Volts)
logo
Motorola, Inc
MUR620CT MOTOROLA-MUR620CT Datasheet
69Kb / 4P
   ULTRAFAST RECTIFIER 6 AMPERES 200 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com