Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM600TU-2A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FM600TU-2A
Description  6-PACK High Power MOSFET Module 300 Amperes/100 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM600TU-2A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FM600TU-2A Datasheet HTML 1Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 2Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 3Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 4Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 5Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 6Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 7Page - Powerex Power Semiconductors FM600TU-2A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM600TU-2A
6-Pack High Power MOSFET Module
300 Amperes/100 Volts
3
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Drain-Cutoff Current
IDSS
VDS = VDSS, VGS = 0V
1.0
mA
Gate-Source Threshold Voltage
VGS(th)
ID = 30mA, VDS = 10V
4.7
6.0
7.3
Volts
Gate Leakage Current
IGSS
VGS = VGSS, VDS = 0V
1.5
µA
Static Drain-Source On-State Resistance
rDS(on)
ID = 300A, VGS = 15V, Tj = 25°C
0.8
1.1
(Chip)
ID = 300A, VGS = 15V, Tj = 125°C
1.37
Static Drain-Source On-State Voltage
VDS(on)
ID = 300A, VGS = 15V, Tj = 25°C
0.24
0.33
Volts
(Chip)
ID = 300A, VGS = 15V, Tj = 125°C
0.41
Volts
Lead Resistance
Rlead
ID = 300A, Terminal-Chip, Tj = 25°C
0.7
ID = 300A, Terminal-Chip, Tj = 125°C
1.0
Input Capacitance
Ciss
110
nF
Output Capacitance
Coss
VDS = 10V, VGS = 0V
15
nF
Reverse Transfer Capacitance
Crss
10
nF
Total Gate Charge
QG
VDD = 48V, ID = 300A, VGS = 15V
1800
nC
Turn-on Delay Time
td(on)
400
ns
Rise Time
tr
VDD = 48V, ID = 300A,
600
ns
Turn-off Delay Time
td(off)
VGS1 = VGS2 = 15V, RG = 4.2Ω,
600
ns
Fall Time
tf
Inductive Load Switching Operation,
300
ns
Diode Reverse Recovery Time**
trr
IS = 300A
250
ns
Diode Reverse Recovery Charge**
Qrr
6.2
µC
Source-Drain Voltage
VSD
IS = 300A, VGS = 0V
1.3
Volts
**Represents characteristics of the anti-parallel, source-to-drain free-wheel diode (FWDi).


Similar Part No. - FM600TU-2A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM600TU-2A MITSUBISHI-FM600TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Similar Description - FM600TU-2A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FM600TU-3A POWEREX-FM600TU-3A Datasheet
795Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/150 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
   Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com