Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM600TU-3A Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # FM600TU-3A
Description  6-PACK High Power MOSFET Module 300 Amperes/150 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FM600TU-3A Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  FM600TU-3A Datasheet HTML 1Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 2Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 3Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 4Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 5Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 6Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 7Page - Powerex Power Semiconductors FM600TU-3A Datasheet HTML 8Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FM600TU-3A
6-Pack High Power MOSFET Module
300 Amperes/150 Volts
5
07/12 Rev. 1
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
SOURCE-DRAIN VOLTAGE, VSD, VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL - INVERTER PART)
0
2.0
1.6
1.2
0.8
0.4
103
102
101
VGS = 0V
Tj = 25°C
Tj = 125oC
GATE-SOURCE VOLTAGE, VGS, (VOLTS)
DRAIN-SOURCE ON-STATE VOLTAGE
VS. GATE BIAS CHARACTERISTICS
(TYPICAL )
0
20
Tj = 25°C
ID = 600A
ID = 300A
ID = 150A
15
10
5
5
15
13
9
7
11
DRAIN-SOURCE VOLTAGE, VDS, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
VGS = 20V
15
Tj = 25°C
12
10
9
GATE-SOURCE, VGS, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
VDS = 10V
Tj = 25°C
Tj = 125oC
300
100
0
200
600
400
500
200
100
300
0
600
500
400
1.5
0.5
0
1.0
3.0
2.5
2.0
0.5
0.9
1.0
0.8
0.7
0.6


Similar Part No. - FM600TU-3A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FM600TU-3A MITSUBISHI-FM600TU-3A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
More results

Similar Description - FM600TU-3A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FM200TU-3A POWEREX-FM200TU-3A Datasheet
789Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/150 Volts
FM600TU-2A POWEREX-FM600TU-2A Datasheet
861Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/100 Volts
FM600TU-07A POWEREX-FM600TU-07A Datasheet
798Kb / 8P
   6-PACK High Power MOSFET Module 300 Amperes/75 Volts
FM400TU-3A POWEREX-FM400TU-3A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/150 Volts
FM200TU-07A POWEREX-FM200TU-07A Datasheet
790Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/75 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/100 Volts
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
FM400TU-07A POWEREX-FM400TU-07A Datasheet
793Kb / 8P
   6-PACK High Power MOSFET Module 200 Amperes/75 Volts
T62007 POWEREX-T62007 Datasheet
244Kb / 6P
   Phase Control SCR (150-300 Amperes 100-1600 Volts)
KS621230A7 POWEREX-KS621230A7 Datasheet
412Kb / 4P
   Single Darlington Transistor Module 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com