Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR712RC-MS-CG240 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # GR712RC-MS-CG240
Description  Dual-Core LEON3-FT SPARC V8 Processor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

GR712RC-MS-CG240 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button GR712RC-MS-CG240 Datasheet HTML 7Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 8Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 9Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 10Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 11Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 12Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 13Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 14Page - Aeroflex Circuit Technology GR712RC-MS-CG240 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AEROFLEX GAISLER
11
GR712RC-DS
Copyright Aeroflex Gaisler AB
February 2013, Issue 2.0
173
SWMX[42]
TCRFAVL[2]
High
In
Telecommand RF Available 2
GPIO[39]
-
In
GPIO 2 Register, bit 7 (input only)
172
SWMX[43]
-
High-Z
Out
Proprietary, enabled by CAN
GPIO[40]
-
High-Z
In/Out
GPIO 2 Register, bit 8
SpaceWire clock
divisor registers
-
In
At reset, bits 10 and 2 in the clock divisor reg-
ister of the SpaceWire interfaces are set from
this input
169
SWMX[44]
SPICLK
High-Z
Out
SPI Clock
SLO
-
High-Z
Out
SLINK Data Out
GPIO[41]
-
High-Z
In/Out
GPIO 2 Register, bit 9
166
SWMX[45]
SPIMOSI
-
High-Z
Out
SPI Master Out Slave In
SLCLK
High
High-Z
Out
SLINK Clock
GPIO[42]
-
High-Z
In/Out
GPIO 2 Register, bit 10
SpaceWire clock
divisor registers
-
In
At reset, bits 11 and 3 in the clock divisor reg-
ister of the SpaceWire interfaces are set from
this input
165
SWMX[46]
TCCLK[3]
Rising
In
Telecommand Clock 3
GPIO[43]
-
In
GPIO 2 Register, bit 11 (input only)
164
SWMX[47]
TCD[3]
-
In
Telecommand Data 3
GPIO[44]
-
In
GPIO 2 Register, bit 12 (input only)
163
SWMX[48]
SDCASN
Low
High-Z
Out
SDRAM Column Address Strobe
GPIO[45]
-
High-Z
In/Out
GPIO 2 Register, bit 13
162
SWMX[49]
SDRASN
Low
High-Z
Out
SDRAM Row Address Strobe
GPIO[46]
-
High-Z
In/Out
GPIO 2 Register, bit 14
161
SWMX[50]
TCACT[3]
High
In
Telecommand Active 3
GPIO[47]
-
In
GPIO 2 Register, bit 15 (input only)
160
SWMX[51]
SPIMISO
In
SPI Master In Slave Out
TCRFAVL[3]
High
In
Telecommand RF Available 3
SLI
-
In
SLINK Data In
GPIO[48]
-
In
GPIO 2 Register, bit 16 (input only)
157
SWMX[52]
SDWEN
Low
High-Z
Out
SDRAM Write Enable
GPIO[49]
-
High-Z
In/Out
GPIO 2 Register, bit 17
155
SWMX[53]
SDDQM[2]
High
High-Z
Out
SDRAM Data Mask 2, corresponds to
DATA[23:16]
GPIO[50]
-
High-Z
In/Out
GPIO 2 Register, bit 18
154
SWMX[54]
SDDQM[3]
High
High-Z
Out
SDRAM Data Mask 3, corresponds to
DATA[31:24]
GPIO[51]
-
High-Z
In/Out
GPIO 2 Register, bit 19
153
SWMX[55]
TCACT[4]
High
In
Telecommand Active 4
GPIO[52]
-
In
GPIO 2 Register, bit 20 (input only)
144
SWMX[56]
TCRFAVL[4]
High
In
Telecommand RF Available 4
GPIO[53]
-
In
GPIO 2 Register, bit 21 (input only)
143
SWMX[57]
I2CSDA
High-Z
In/Out
I2C Serial Data
GPIO[54]
-
High-Z
In/Out
GPIO 2 Register, bit 22
TCCLK[4]
Rising
In
Telecommand Clock 4
142
SWMX[58]
I2CSCL
High-Z
In/Out
I2C Serial Clock
GPIO[55]
-
High-Z
In/Out
GPIO 2 Register, bit 23
TCD[4]
-
In
Telecommand Data 4
Table 3. I/O switch matrix pin description, defining the order of priority for outputs and input/outputs, with the highest
priority for each pin listed first.
Pin no.
Pin name
Pin function
Polarity
Reset value
Dir.
Description


Similar Part No. - GR712RC-MS-CG240

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR71121X0GR50 MURATA-GR71121X0GR50 Datasheet
79Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR71121X0GR50 MURATA-GR71121X0GR50 Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR71125C1H102KA01D MURATA-GR71125C1H102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GR71125C1H102KA01K MURATA-GR71125C1H102KA01K Datasheet
79Kb / 5P
   Chip Monolithic Ceramic Capacitors
GR7112B11H102KA01D MURATA-GR7112B11H102KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GR712RC-MS-CG240

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F_14 Datasheet
7Mb / 176P
   SPARC V8 High Performance Low-power 32-bit Architecture
AT697E ATMEL-AT697E_14 Datasheet
7Mb / 7P
   SPARC V8 High Performance Low-power 32-bit Architecture
logo
Texas Instruments
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
[Old version datasheet]   Dual-Core Processor
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
[Old version datasheet]   DUAL-CORE PROCESSOR
logo
Freescale Semiconductor...
MSC8112 FREESCALE-MSC8112 Datasheet
831Kb / 44P
   Dual Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com