Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550-1107 Datasheet(PDF) 5 Page - Dialight Corporation

Part # 550-1107
Description  5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-1107 Datasheet(HTML) 5 Page - Dialight Corporation

  550-1107 Datasheet HTML 1Page - Dialight Corporation 550-1107 Datasheet HTML 2Page - Dialight Corporation 550-1107 Datasheet HTML 3Page - Dialight Corporation 550-1107 Datasheet HTML 4Page - Dialight Corporation 550-1107 Datasheet HTML 5Page - Dialight Corporation 550-1107 Datasheet HTML 6Page - Dialight Corporation 550-1107 Datasheet HTML 7Page - Dialight Corporation 550-1107 Datasheet HTML 8Page - Dialight Corporation 550-1107 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6-43
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm Discrete LED
High Efficiency
Diffused
521-9246, -9248, -9250, -9704
8.81 [.347]
.76
[.030]
25.1 [1.00]
MIN
1.27
[.050]
4.83
[.190]
.46
[.018]
5.84
[.230]
2.54
[.100]
CATHODE
1.0
[.040]
MAX
PART NO.
COLOR
521-9246
Red
521-9248
Yellow
521-9250
Green
521-9704
Orange
Red
Yellow
Green
Orange
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9246
-9248
-9250
-9704
Power Dissipation (mW)
135
85
135
135
Derating (mW/°C) From 25°C 1. (mA/°C) From 50°C
1.8
1.6
1.8
.51
Forward Current (mA)
25
20
25
30
Peak Current (mA)
500
500
500
500
Pulse width = 10µs
Operating Temperature (°C)
-55/+100
-55/+100
-20/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
Orange
OPERATING CHARACTERISTICS (T
A=25°C)
-9246
-9248
-9250
-9704
Luminous Intensity (mcd)
Min.
4
4
4.2
4
IF=10mA
Typical
7
8
5.2
7
Peak Wavelength (nm)
Typical
635
583
565
600
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
60°
60°
Forward Voltage (V)
Typical
2.2
2.2
2.3
1.9
IF=10mA
Max.
3
3
3
2.4
Reverse Voltage (V), IR=100µA
Min.
5
5
5
5
Dimensions in mm [inches]
MOUNTING CLIP: 515-0004
located on page 6-48
Solder Adherence per MIL-STD-202E, Method 208C
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity


Similar Part No. - 550-1107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-1107 DIALIGHT-550-1107 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-1107-004 DIALIGHT-550-1107-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
More results

Similar Description - 550-1107

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
   5mm LED CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
logo
Everlight Electronics C...
A93B-SYGT-S530-E3 EVERLIGHT-A93B-SYGT-S530-E3 Datasheet
101Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A264B-SYG-S530-E2-R EVERLIGHT-A264B-SYG-S530-E2-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com