Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4027T-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4027T-H
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4027T-H Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4027T-H Datasheet HTML 1Page - ON Semiconductor 2SC4027T-H Datasheet HTML 2Page - ON Semiconductor 2SC4027T-H Datasheet HTML 3Page - ON Semiconductor 2SC4027T-H Datasheet HTML 4Page - ON Semiconductor 2SC4027T-H Datasheet HTML 5Page - ON Semiconductor 2SC4027T-H Datasheet HTML 6Page - ON Semiconductor 2SC4027T-H Datasheet HTML 7Page - ON Semiconductor 2SC4027T-H Datasheet HTML 8Page - ON Semiconductor 2SC4027T-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SA1552 / 2SC4027
No.2262-2/10
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)120V, IE=0A
(--)1.0
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1.0
μA
DC Current Gain
hFE1VCE=(--)5V, IC=(--)100mA
100*
400*
hFE2VCE=(--)5V, IC=(--)10mA
80
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
120
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(22)12
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)500mA, IB=(--)50mA
(--0.2)0.13
(--0.5)0.45
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)500mA, IB=(--)50mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)180
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)160
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
(0.7)1.2
μs
Fall Time
tf
(50)80
ns
* : The 2SA1552 / 2SC4027 are classified by 100mA hFE as follows : (unit : μA)
Rank
R
S
T
hFE
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1552S-E
TP
500pcs./bag
Pb Free
2SA1552S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SA1552T-E
TP
500pcs./bag
Pb Free
2SA1552T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SC4027S-E
TP
500pcs./bag
Pb Free
2SC4027S-H
TP
500pcs./bag
Pb Free and Halogen Free
2SC4027T-E
TP
500pcs./bag
Pb Free
2SC4027T-H
TP
500pcs./bag
Pb Free and Halogen Free
2SA1552S-TL-E
TP-FA
700pcs./reel
Pb Free
2SA1552S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SA1552T-TL-E
TP-FA
700pcs./reel
Pb Free
2SA1552T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SC4027S-TL-E
TP-FA
700pcs./reel
Pb Free
2SC4027S-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
2SC4027T-TL-E
TP-FA
700pcs./reel
Pb Free
2SC4027T-TL-H
TP-FA
700pcs./reel
Pb Free and Halogen Free
VR
100V
RL
14kΩ
--5V
10IB1= --10IB2=IC=0.7A
For PNP, the polarity is reversed.
++
50Ω
INPUT
OUTPUT
RB
100μF 470μF
PW=20μs
IB1
IB2
D.C.≤1%
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 2SC4027T-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC4027T-H ONSEMI-2SC4027T-H Datasheet
107Kb / 7P
   Bipolar Transistor Converters, inverters, color TV audio output
December, 2013
More results

Similar Description - 2SC4027T-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com