Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3211AMNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADP3211AMNR2G
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3211AMNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADP3211AMNR2G Datasheet HTML 3Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 4Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 5Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 6Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 7Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 8Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 9Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 10Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP3211, ADP3211A
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (VCC = PVCC = 5.0 V, FBRTN = GND = PGND = 0 V, H = 5.0 V, L = 0 V, VVID = VDAC = 1.2 V,
TA = −40°C to 100°C, unless otherwise noted. (Note 1) Current entering a pin (sunk by the device) has a positive sign.
Parameter
Units
Max
Typ
Min
Conditions
Symbol
PULSE WIDTH MODULATOR − Clock Oscillator
RT Voltage
VRT
RT = 243 kW, VVID = 1.2 V
See also VRT(VVID) formula
1.08
1.2
1.35
V
PWM Clock Frequency
Range (Note 2)
fCLK
Operation of interest
0.3
3.0
MHz
RAMP GENERATOR
RAMP Voltage
VRAMP
EN = H, IRAMP = 60 mA
EN = L
0.9
1.0
VIN
1.1
V
RAMP Current Range (Note 2)
IRAMP
EN = H
EN = L, RAMP = 19 V
1.0
−0.5
100
+0.5
mA
PWM COMPARATOR
PWM Comparator Offset
(Note 2)
VOSRPM
−3.0
+3.0
mV
RPM COMPARATOR
RPM Current
IRPM
VVID = 1.2 V, RT = 243 kW
See also IRPM(RT) formula
−6.0
mA
RPM Comparator Offset
(Note 2)
VOSRPM
VCOMP − (1 + VRPM)
−3.0
+3.0
mV
SWITCH AMPLIFIER
SW Input Resistance
RSW
Measured from SW to PGND
1.3
kW
ZERO CURRENT SWITCHING COMPARATOR
SW ZCS Threshold
VZCSSW
DCM mode, DPRSLP = 3.3 V
−4.0
mV
Masked Off−Time
tOFFMSKD
Measured from DRVH neg edge to DRVH
pos edge at max frequency of operation
700
ns
SYSTEM I/O BUFFERS − EN and VID[6:0] INPUTS
Input Voltage
VEN,VID[6:0]
Refers to driving signal level
Logic low, Isink = 1 mA
Logic high, Isource = −5 mA
0.7
0.3
V
Input Current
IEN,VID[6:0]
VEN,VID[6:0] = 0 V
0.2 V < VEN,VID[6:0] ≤ VCC
10
1.0
nA
mA
VID Delay Time (Note 2)
Any VID edge to 10% of FB change
200
ns
GPU INPUT
Input Voltage
VGPU
Refers to driving signal level
Logic low, Isink = 1 mA
Logic high, Isource = −5 mA
4.0
0.3
V
Input Current
IGPU
GPU = L or GPU = H (static)
0.8 V < EN < 1.6 V (during transition)
10
70
nA
mA
CLKEN OUTPUT
Output Low Voltage
VCLKEN
Logic low, ICLKEN = 4 mA
30
300
mV
Output High, Leakage Current
ICLKEN
Logic high, VCLKEN = VCC
3.0
mA
SUPPLY
Supply Voltage Range
VCC
4.5
5.5
V
Supply Current
EN = H
EN = L
6.0
60
10
200
mA
mA
VCC OK Threshold
VCCOK
VCC is rising
4.4
4.5
V
VCC UVLO Threshold
VCCUVLO
VCC is falling
4.0
4.15
V
VCC Hysteresis (Note 2)
150
mV
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - ADP3211AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results

Similar Description - ADP3211AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com