Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS125DBT Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LVDS125DBT
Description  LVDS 4X4 CROSSPOINT SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS125DBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS125DBT Datasheet HTML 7Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 8Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 9Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 10Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 11Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 12Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 13Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 14Page - Texas Instruments SN65LVDS125DBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SN65LVDS125
SN65LVDT125
SLLS555C − DECEMBER 2002 − REVISED OCTOBER 2004
www.ti.com
11
Figure 17
40
48
56
64
72
80
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
PEAK-TO-PEAK JITTER
vs
FREE-AIR TEMPERATURE
VCC = 3.3 V
VIC = 1.2 V
VID = 200 mV
Input = 1.5 Gbps
PRBS 223−1
Figure 18
20
40
60
80
100
120
0
500
1000
1500
2000
2500
Data Rate − Mbps
PEAK-TO-PEAK JITTER
vs
DATA RATE
VCC = 3.3 V
VIC = 1.2 V
VID = 200 mV
TA = 25°C
Input = PRBS 223−1
0
140
Figure 19
0
50
100
150
200
250
300
350
400
0
400
800
1200
1600
2000
0
10
20
30
40
50
60
70
80
Added Random Jitter
f − Frequency − MHz
DIFFERENTIAL OUTPUT VOLTAGE
vs
FREQUENCY
VCC = 3.3 V
VIC = 1.2 V
VID = 200 mV
TA = 25°C
Input = Clock


Similar Part No. - SN65LVDS125DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI1-SN65LVDS125A Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBT TI-SN65LVDS125ADBT Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125ADBTG4 TI-SN65LVDS125ADBTG4 Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS125DBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP154A TI1-DS10CP154A_15 Datasheet
1Mb / 22P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154 Datasheet
584Kb / 12P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com