Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54040 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN54040
Description  USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54040 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN54040 Datasheet HTML 5Page - Fairchild Semiconductor FAN54040 Datasheet HTML 6Page - Fairchild Semiconductor FAN54040 Datasheet HTML 7Page - Fairchild Semiconductor FAN54040 Datasheet HTML 8Page - Fairchild Semiconductor FAN54040 Datasheet HTML 9Page - Fairchild Semiconductor FAN54040 Datasheet HTML 10Page - Fairchild Semiconductor FAN54040 Datasheet HTML 11Page - Fairchild Semiconductor FAN54040 Datasheet HTML 12Page - Fairchild Semiconductor FAN54040 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54040
– FAN54047 • Rev. 1.0.2
9
I
2C Timing Specifications
Guaranteed by design.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fSCL
SCL Clock Frequency
Standard Mode
100
kHz
Fast Mode
400
Fast Mode Plus
1000
High-Speed Mode, CB < 100 pF
3400
High-Speed Mode, CB < 400 pF
1700
tBUF
BUS-free Time between STOP and
START Conditions
Standard Mode
4.7
s
Fast Mode
1.3
Fast Mode Plus
0.5
tHD;STA
START or Repeated START Hold
Time
Standard Mode
4
s
Fast Mode
600
ns
Fast Mode Plus
260
ns
High-Speed Mode
160
ns
tLOW
SCL LOW Period
Standard Mode
4.7
s
Fast Mode
1.3
s
Fast Mode Plus
0.5
s
High-Speed Mode, CB < 100 pF
160
ns
High-Speed Mode, CB < 400 pF
320
ns
tHIGH
SCL HIGH Period
Standard Mode
4
s
Fast Mode
600
ns
Fast Mode Plus
260
ns
High-Speed Mode, CB < 100 pF
60
ns
High-Speed Mode, CB < 400 pF
120
ns
tSU;STA
Repeated START Setup Time
Standard Mode
4.7
s
Fast Mode
600
ns
Fast Mode Plus
260
ns
High-Speed Mode
160
ns
tSU;DAT
Data Setup Time
Standard Mode
250
ns
Fast Mode
100
Fast Mode Plus
50
High-Speed Mode
10
tHD;DAT
Data Hold Time
Standard Mode
0
3.45
s
Fast Mode
0
900
ns
Fast Mode Plus
0
450
ns
High-Speed Mode, CB < 100 pF
0
70
ns
High-Speed Mode, CB < 400 pF
0
150
ns
tRCL
SCL Rise Time
Standard Mode
20+0.1CB
1000
ns
Fast Mode
20+0.1CB
300
Fast Mode Plus
20+0.1CB
120
High-Speed Mode, CB < 100 pF
10
80
High-Speed Mode, CB < 400 pF
20
160
Continued on the following page…


Similar Part No. - FAN54040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54040UCX ONSEMI-FAN54040UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

Similar Description - FAN54040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54063 ONSEMI-FAN54063 Datasheet
1Mb / 38P
   High Efficiency, 1.55 A, Li-Ion Switching Charger with Integrated Power Path, USB-OTG, in a Small Solution Size
January, 2019 ??Rev. 2
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Texas Instruments
BQ24262 TI-BQ24262_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
BQ24261M TI-BQ24261M_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com