Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5630IDWG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5630IDWG4
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5630IDWG4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV5630IDWG4 Datasheet HTML 1Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 2Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 3Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 4Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 5Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 6Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 7Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 8Page - Texas Instruments TLV5630IDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
OUTA
12/10/8
12/10/8
Band-Gap
Voltage
2
Serial
Interface
12
8
REF
SCLK
DIN
FS
MODE
DOUT
DAC B, C, D, E, F, G and H
Same as DAC A
OUT
1 V or 2 V
PRE
LDAC
(Trimmed)
with Enable
X2
B, C, D,
E, F, G
and H
DAC A
Holding
Latch
DAC A
Latch
12/10/8
TLV5630
TLV5631
TLV5632
SLAS269F – MAY 2000 – REVISED NOVEMBER 2008 .................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGE
TA
SOIC (DW)
TSSOP (PW)
RESOLUTION
TLV5630IDW
TLV5630IPW
12
40°C to 85°C
TLV5631IDW
TLV5631IPW
10
TLV5632IDW
TLV5632IPW
8
FUNCTIONAL BLOCK DIAGRAM
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
10
P
Analog ground
AVDD
11
P
Analog power supply
DGND
1
P
Digital ground
DIN
2
I
Digital serial data input
DOUT
19
O
Digital serial data output
DVDD
20
P
Digital power supply
FS
4
I
Frame sync input
LDAC
18
I
Load DAC. The DAC outputs are only updated, if this signal is low. It is an asynchronous input.
MODE
17
I
DSP/
µC mode pin. High = µC mode, NC = DSP mode.
PRE
5
I
Preset input
REF
16
I/O
Voltage reference input/output
SCLK
3
I
Serial clock input
OUTA-OUTH
12-15, 6-9
O
DAC outputs A, B, C, D, E, F, G and H
2
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV5630 TLV5631 TLV5632


Similar Part No. - TLV5630IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630IDW TI-TLV5630IDW Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results

Similar Description - TLV5630IDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com