Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN54042 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN54042
Description  USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54042 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN54042 Datasheet HTML 3Page - Fairchild Semiconductor FAN54042 Datasheet HTML 4Page - Fairchild Semiconductor FAN54042 Datasheet HTML 5Page - Fairchild Semiconductor FAN54042 Datasheet HTML 6Page - Fairchild Semiconductor FAN54042 Datasheet HTML 7Page - Fairchild Semiconductor FAN54042 Datasheet HTML 8Page - Fairchild Semiconductor FAN54042 Datasheet HTML 9Page - Fairchild Semiconductor FAN54042 Datasheet HTML 10Page - Fairchild Semiconductor FAN54042 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54040
– FAN54047 • Rev. 1.0.2
7
Electrical Specifications (Continued)
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0 V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA=0 or 1.8 V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Power Source Detection
T1
T1 (0°C) Temperature Threshold
71.9
73.9
75.9
% of
VREF
T2
T1 (10°C) Temperature Threshold
62.6
64.6
66.6
T3
T1 (45°C) Temperature Threshold
31.9
32.9
34.9
T4
T1 (60°C) Temperature Threshold
21.3
23.3
25.3
Input Power Source Detection
VIN(MIN)1
VBUS Input Voltage Rising
To Initiate and Pass VBUS Validation
4.29
4.42
V
VIN(MIN)2
Minimum VBUS during Charge
During Charging
3.71
3.94
V
tVBUS_VALID
VBUS Validation Time
30
ms
VBUS Control Loop
VBUSLIM
VBUS Loop Setpoint Accuracy
–3
+3
%
Input Current Limit
IBUSLIM
Charger Input Current Limit
Threshold
IBUSLIM Set to 100 mA
88
93
98
mA
IBUSLIM Set to 500 mA
450
475
500
VREF Bias Generator
VREF
Bias Regulator Voltage
VBUS > VIN(MIN)
1.8
V
Short-Circuit Current Limit
2.5
mA
Battery Recharge Threshold
VRCH
Recharge Threshold
Below V(OREG)
100
120
150
mV
Deglitch Time
VBAT Falling Below VRCH Threshold
130
ms
STAT, POK_B Output
VSTAT(OL)
STAT Output Low
ISTAT=10 mA
0.4
V
ISTAT(OH)
STAT High Leakage Current
VSTAT=5 V
1
A
Battery Detection
IDETECT
Battery Detection Current before
Charge Done (Sink Current)
(5)
Begins after Termination Detected
and VBAT < VOREG –VRCH
–0.8
mA
tDETECT
Battery Detection Time
262
ms
Sleep Comparator
VSLP
Sleep-Mode Entry Threshold,
VBUS – VBAT
2.3 V < VBAT < VOREG, VBUS Falling
0
0.04
0.10
V
Power Switches (see Figure 2)
RDS(ON)
Q3 On Resistance (VBUS to PMID)
IIN(LIMIT)=500 mA
180
250
m
Ω
Q1 On Resistance (PMID to SW)
130
225
Q2 On Resistance (SW to GND)
150
225
Q4 On Resistance (SYS to VBAT)
VBAT=4.2 V
70
100
m
Ω
ISYNC
Synchronous to Non-Synchronous
Current Cut-Off Threshold
(6)
Low-Side MOSFET (Q2) Cycle-by-
Cycle Current Limit
140
mA
Continued on the following page…


Similar Part No. - FAN54042

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54042 ONSEMI-FAN54042 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54042UCX ONSEMI-FAN54042UCX Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
More results

Similar Description - FAN54042

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN54040 ONSEMI-FAN54040 Datasheet
1Mb / 40P
   USB-OTG, 1.55 A, Li-Ion Switching Charger with Power Path and 2.3 A Production Test Support
December-2017, Rev. 2
FAN54063 ONSEMI-FAN54063 Datasheet
1Mb / 38P
   High Efficiency, 1.55 A, Li-Ion Switching Charger with Integrated Power Path, USB-OTG, in a Small Solution Size
January, 2019 ??Rev. 2
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Texas Instruments
BQ24262 TI-BQ24262_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
BQ24261M TI-BQ24261M_15 Datasheet
6Mb / 56P
[Old version datasheet]   bq2426x 3-A, 30-V, Host-Controlled Single-Input, Single-Cell Switched-Mode Li-Ion Battery Charger With Power-Path Management and USB-OTG Support
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com