Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80019IRZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL80019IRZ-T
Description  Compact Synchronous Buck Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80019IRZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL80019IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL80019IRZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ISL8002, ISL8002A, ISL80019, ISL80019A
7
FN7888.2
July 30, 2013
Absolute Maximum Ratings
Thermal Information
VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V (DC) or 7V (20ms)
PHASE . . . . . . . . . . . . . . -1.5V (100ns)/-0.3V (DC) to 6V (DC) or 7V (20ms)
EN, COMP, PG, MODE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VIN+0.3V
FB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.7V
Recommended Operating Conditions
VIN Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Load Current Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0A to 2A
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical, Notes 4, 5)
θJA (°C/W) θJC (°C/W)
2x2 TDFN Package . . . . . . . . . . . . . . . . . . .
71
7
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications TJ = -40°C to +125°C, VIN = 2.7V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply over the operating temperature range , -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
INPUT SUPPLY
VIN Undervoltage Lockout Threshold
VUVLO
Rising, no load
2.5
2.7
V
Falling, no load
2.2
2.4
V
Quiescent Supply Current
IVIN
MODE = PFM (GND), FSW = 2MHz, no load at
the output
35
60
µA
MODE = PWM (VIN), FSW = 1MHz, no load at
the output
7
15
mA
MODE = PWM (VIN), FSW = 2MHz, no load at
the output
10
22
mA
Shut Down Supply Current
ISD
MODE = PFM (GND), VIN = 5.5V, EN = low
5
10
µA
OUTPUT REGULATION
Feedback Voltage
VFB
0.595
0.600
0.605
V
TJ = -40°C to +125°C
0.589
0.605
V
VFB Bias Current
IVFB
VFB = 2.7V. TJ = -40°C to +125°C
-120
50
350
nA
Line Regulation
VIN = VO + 0.5V to 5.5V (minimal 2.7V)
TJ = -40°C to +125°C
-0.2
-0.05
0.1
%/V
Load Regulation
See Note 7
< -0.2
%/A
Soft-Start Ramp Time Cycle
1ms
PROTECTIONS
Positive Peak Current Limit
IPLIMIT
2A application
3
3.5
4
A
1.5A application
2.1
2.5
2.9
A
Peak Skip Limit
ISKIP
VIN = 3.6, VOUT = 1.8V (See “Applications
Information” on page 19 for more detail)
450
mA
Zero Cross Threshold
-170
-70
30
mA
Negative Current Limit
INLIMIT
-2.3
-1.5
-1
A
Thermal Shutdown
Temperature rising
150
°C
Thermal Shutdown Hysteresis
Temperature falling
25
°C


Similar Part No. - ISL80019IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80019IRZ-T INTERSIL-ISL80019IRZ-T Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL80019IRZ-T RENESAS-ISL80019IRZ-T Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL80019IRZ-T7A INTERSIL-ISL80019IRZ-T7A Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL80019IRZ-T7A RENESAS-ISL80019IRZ-T7A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL80019IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com