Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8002FRZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8002FRZ-T
Description  Compact Synchronous Buck Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8002FRZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8002FRZ-T Datasheet HTML 5Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 6Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 7Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 8Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 9Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 10Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 11Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 12Page - Intersil Corporation ISL8002FRZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ISL8002, ISL8002A, ISL80019, ISL80019A
9
FN7888.2
July 30, 2013
Typical Performance Curves
FIGURE 4. EFFICIENCY vs LOAD
FSW = 2MHz, VIN = 3.3V, MODE = PFM, TA = +25°C
FIGURE 5. EFFICIENCY vs LOAD
FSW = 2MHz, VIN = 3.3V, MODE = PWM, TA = +25°C
FIGURE 6. EFFICIENCY vs LOAD
FSW = 1MHz, VIN = 3.3V, MODE = PFM, TA = +25°C
FIGURE 7. EFFICIENCY vs LOAD
FSW = 1MHz, VIN = 3.3V, MODE = PWM, TA = +25°C
FIGURE 8. EFFICIENCY vs LOAD
FSW = 2MHz, VIN = 5V, MODE = PFM, TA = +25°C
FIGURE 9. EFFICIENCY vs LOAD
FSW = 2MHz, VIN = 5V, MODE = PWM, TA = +25°C
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.8VOUT
0.9VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.8VOUT
0.9VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.8VOUT
0.9VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.8VOUT
0.9VOUT
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.9VOUT
3.3VOUT
OUTPUT LOAD (A)
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OUTPUT LOAD (A)
1.2VOUT
1.5VOUT
1.8VOUT
2.5VOUT
0.9VOUT
3.3VOUT


Similar Part No. - ISL8002FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002FRZ-T RENESAS-ISL8002FRZ-T Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8002FRZ-T7A RENESAS-ISL8002FRZ-T7A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL8002FRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com