Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8002AFRZ-T7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8002AFRZ-T7A
Description  Compact Synchronous Buck Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8002AFRZ-T7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8002AFRZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL8002AFRZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL8002, ISL8002A, ISL80019, ISL80019A
8
FN7888.2
July 30, 2013
COMPENSATION
Error Amplifier Trans-Conductance
COMP tied VIN
40
µA/V
COMP with RC
120
µA/V
Trans-Resistance
RT
0.24
0.3
0.40
LX
P-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
117
mΩ
N-Channel MOSFET ON-Resistance
VIN = 5V, IO = 200mA
86
mΩ
LX Maximum Duty Cycle
100
%
LX Minimum On-Time
MODE = PWM (High) 1MHz
60
80
ns
OSCILLATOR
Nominal Switching Frequency
FSW
ISL8002, ISL80019
850
1000
1150
kHz
ISL8002A, ISL80019A
1700
2000
2300
kHz
PG
Output Low Voltage
1mA sinking current
0.3
V
Delay Time (Rising Edge)
0.5
1
2
ms
PGOOD Delay Time (Falling Edge)
15
µs
PG Pin Leakage Current
PG = VIN
0.01
0.1
µA
OVP PG Rising Threshold
110
115
120
%
OVP PG Hysteresis
5%
UVP PG Rising Threshold
80
85
90
%
UVP PG Hysteresis
5%
EN AND MODE LOGIC
Logic Input Low
0.4
V
Logic Input High
1.4
V
Logic Input Leakage Current
IMODE
Pulled up to 5.5V
5.5
8
µA
NOTE:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Not tested in production. Characterized using evaluation board. Refer to Figures 12 through 14 load regulation diagrams. +105°C TA represents near
worst case operating point.
Electrical Specifications TJ = -40°C to +125°C, VIN = 2.7V to 5.5V, unless otherwise noted. Typical values are at TA = +25°C. Boldface
limits apply over the operating temperature range , -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISL8002AFRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002AFRZ-T7A RENESAS-ISL8002AFRZ-T7A Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL8002AFRZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com