Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80019 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL80019
Description  Compact Synchronous Buck Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80019 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL80019 Datasheet HTML 1Page - Intersil Corporation ISL80019 Datasheet HTML 2Page - Intersil Corporation ISL80019 Datasheet HTML 3Page - Intersil Corporation ISL80019 Datasheet HTML 4Page - Intersil Corporation ISL80019 Datasheet HTML 5Page - Intersil Corporation ISL80019 Datasheet HTML 6Page - Intersil Corporation ISL80019 Datasheet HTML 7Page - Intersil Corporation ISL80019 Datasheet HTML 8Page - Intersil Corporation ISL80019 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL8002, ISL8002A, ISL80019, ISL80019A
3
FN7888.2
July 30, 2013
TABLE 1. SUMMARY OF KEY DIFFERENCES
PART#
IOUT (MAX)
(A)
FSW
(MHz)
VIN RANGE
(V)
VOUT RANGE
(V)
PACKAGE
SIZE
ISL80019
1.5
1
2.7 to 5.5
0.6 to 5.5
8 pin 2mmx2mm TDFN
ISL80019A
1.5
2
ISL8002
2
1
ISL8002A
2
2
NOTE: In this datasheet, the parts in the table above are collectively called "device".
TABLE 2. COMPONENT VALUE SELECTION TABLE
VOUT
(V)
C1
(µF)
C5, C6
(µF)
C4
(pF)
L1
(µH)
R1
(kΩ)
R2
(kΩ)
0.8
22
22
22
1.0~2.2
33
100
1.2
22
22
22
1.0~2.2
100
100
1.5
22
22
22
1.0~2.2
150
100
1.8
22
22
22
1.0~3.3
200
100
2.5
22
22
22
1.5~3.3
316
100
3.3
22
22
22
1.5~4.7
450
100


Similar Part No. - ISL80019

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80019 INTERSIL-ISL80019 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL80019 RENESAS-ISL80019 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL80019 INTERSIL-ISL80019 Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL80019/A INTERSIL-ISL80019/A Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
October 28, 2016
ISL80019A INTERSIL-ISL80019A Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
More results

Similar Description - ISL80019

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8002 RENESAS-ISL8002 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
ISL8025 RENESAS-ISL8025 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
Jun 24, 2022
logo
Intersil Corporation
ISL8025 INTERSIL-ISL8025 Datasheet
785Kb / 21P
   Compact Synchronous Buck Regulators
ISL8026 INTERSIL-ISL8026 Datasheet
969Kb / 23P
   Compact Synchronous Buck Regulators
June 26, 2015
logo
Renesas Technology Corp
ISL8026 RENESAS-ISL8026 Datasheet
1Mb / 23P
   Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL8002 INTERSIL-ISL8002 Datasheet
3Mb / 22P
   Compact Synchronous Buck Regulators
logo
Renesas Technology Corp
ISL78233 RENESAS-ISL78233 Datasheet
1Mb / 21P
   3A and 4A Compact Synchronous Buck Regulators
logo
Intersil Corporation
ISL78233ARZ INTERSIL-ISL78233ARZ Datasheet
994Kb / 18P
   3A and 4A Compact Synchronous Buck Regulators
April 23, 2015
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
ISL8023 RENESAS-ISL8023 Datasheet
1Mb / 20P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com