Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85415FRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL85415FRZ
Description  Wide VIN 500mA Synchronous Buck Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85415FRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL85415FRZ Datasheet HTML 1Page - Intersil Corporation ISL85415FRZ Datasheet HTML 2Page - Intersil Corporation ISL85415FRZ Datasheet HTML 3Page - Intersil Corporation ISL85415FRZ Datasheet HTML 4Page - Intersil Corporation ISL85415FRZ Datasheet HTML 5Page - Intersil Corporation ISL85415FRZ Datasheet HTML 6Page - Intersil Corporation ISL85415FRZ Datasheet HTML 7Page - Intersil Corporation ISL85415FRZ Datasheet HTML 8Page - Intersil Corporation ISL85415FRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ISL85415
3
FN8373.2
September 26, 2013
Pin Configuration
ISL85415
(12 LD 4X3 DFN)
TOP VIEW
VCC
EN
VIN
FB
PHASE
BOOT
COMP
1
2
3
4
5
12
11
10
9
8
PG
SS
FS
PGND 6
GND
7
SYNC
Pin Descriptions
PIN NUMBER
SYMBOL
PIN DESCRIPTION
1
SS
The SS pin controls the soft-start ramp time of the output. A single capacitor from the SS pin to ground
determines the output ramp rate. See the “Application Guidelines” on page 19 for soft-start details. If the
SS pin is tied to VCC, an internal soft-start of 2ms will be used.
2
SYNC
Synchronization and light load operational mode selection input. Connect to logic high or VCC for PWM
mode. Connect to logic low or ground for PFM mode. Connect to an external clock source for synchronization
with positive edge trigger. Sync source must be higher than the programmed IC frequency. There is an
internal 1M
Ω pull-down resistor to prevent an undefined logic state if SYNC is left floating.
3
BOOT
Floating bootstrap supply pin for the power MOSFET gate driver. The bootstrap capacitor provides the
necessary charge to turn on the internal N-Channel MOSFET. Connect an external 100nF capacitor from this
pin to PHASE.
4
VIN
The input supply for the power stage of the regulator and the source for the internal linear bias regulator.
Place a minimum of 4.7µF ceramic capacitance from VIN to GND and close to the IC for decoupling.
5
PHASE
Switch node output. It connects the switching FET’s with the external output inductor.
6
PGND
Power ground connection. Connect directly to the system GND plane.
7
EN
Regulator enable input. The regulator and bias LDO are held off when the pin is pulled to ground. When the
voltage on this pin rises above 1V, the chip is enabled. Connect this pin to VIN for automatic start-up. Do not
connect EN pin to VCC since the LDO is controlled by EN voltage.
8
PG
Open drain power-good output that is pulled to ground when the output voltage is below regulation limits
or during the soft-start interval. There is an internal 5M
Ω internal pull-up resistor.
9
VCC
Output of the internal 5V linear bias regulator. Decouple to PGND with a 1µF ceramic capacitor at the pin.
10
FB
Feedback pin for the regulator. FB is the inverting input to the voltage loop error amplifier. COMP is the
output of the error amplifier. The output voltage is set by an external resistor divider connected to FB. In
addition, the PWM regulator’s power-good and UVLO circuits use FB to monitor the regulator output voltage.
11
COMP
COMP is the output of the error amplifier. When it is tied to VCC, internal compensation is used. When only
an RC network is connected from COMP to GND, external compensation is used. See “Loop Compensation
Design” on page 20 for more details.
12
FS
Frequency selection pin. Tie to VCC for 500kHz switching frequency. Connect a resistor to GND for
adjustable frequency from 300kHz to 2MHz.
EPAD
GND
Signal ground connections. Connect to application board GND plane with at least 5 vias. All voltage levels
are measured with respect to this pin. The EPAD MUST not float.


Similar Part No. - ISL85415FRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415FRZ INTERSIL-ISL85415FRZ Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415FRZ RENESAS-ISL85415FRZ Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results

Similar Description - ISL85415FRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
logo
Intersil Corporation
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com