Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3Z2V0T3G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM3Z2V0T3G
Description  200 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM3Z2V0T3G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM3Z2V0T3G Datasheet HTML 1Page - List of Unclassifed Manufacturers LM3Z2V0T3G Datasheet HTML 2Page - List of Unclassifed Manufacturers LM3Z2V0T3G Datasheet HTML 3Page - List of Unclassifed Manufacturers LM3Z2V0T3G Datasheet HTML 4Page - List of Unclassifed Manufacturers LM3Z2V0T3G Datasheet HTML 5Page - List of Unclassifed Manufacturers LM3Z2V0T3G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM3Z2V0T1G SERIES
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
2/6
200 mW SOD–323 Surface Mount
LM3Z2V0T1G SERIES
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017


Similar Part No. - LM3Z2V0T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3Z2V0T1G LRC-LM3Z2V0T1G_15 Datasheet
154Kb / 6P
   Zener Voltage Regulators
More results

Similar Description - LM3Z2V0T3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM3Z2V4T1G LEIDITECH-LM3Z2V4T1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM5Z2V0T1G LRC-LM5Z2V0T1G Datasheet
272Kb / 6P
   200 mW SOD??23 Surface Mount
logo
CHENG-YI ELECTRONIC CO....
MM3Z2V4T1 CHENG-YI-MM3Z2V4T1 Datasheet
449Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
MM3Z2V4 LEIDITECH-MM3Z2V4 Datasheet
349Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com