Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54335DRC Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54335DRC
Description  4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54335DRC Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54335DRC Datasheet HTML 4Page - Texas Instruments TPS54335DRC Datasheet HTML 5Page - Texas Instruments TPS54335DRC Datasheet HTML 6Page - Texas Instruments TPS54335DRC Datasheet HTML 7Page - Texas Instruments TPS54335DRC Datasheet HTML 8Page - Texas Instruments TPS54335DRC Datasheet HTML 9Page - Texas Instruments TPS54335DRC Datasheet HTML 10Page - Texas Instruments TPS54335DRC Datasheet HTML 11Page - Texas Instruments TPS54335DRC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
70
80
90
100
110
120
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C011
V
IN = 12 V
3.0
4.0
5.0
6.0
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C012
V
IN = 12 V
0
2
4
6
8
10
4
8
12
16
20
24
28
V
IN - Input Voltage (V)
TJ = -40
S
TJ = 25
S
TJ = 150
S
C009
T
J = -40SC
T
J = 25SC
T
J = 150SC
EN = 0 V
2.20
2.25
2.30
2.35
2.40
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C010
1.1
1.125
1.15
1.175
1.2
±50
±25
0
25
50
75
100
125
150
T
J - Junction Temperature (ƒC)
C007
V
IN = 12 V
200
250
300
350
400
4
8
12
16
20
24
28
V
IN - Input Voltage (V)
TJ = -40
S
TJ = 25
S
TJ = 150
S
C008
T
J = -40SC
T
J = 25SC
T
J = 150SC
TPS54335
TPS54336
SLVSC03B – MAY 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
PULLUP CURRENT
NON-SWITCHING OPERATING QUIESCENT CURRENT
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
SHUTDOWN QUIESCENT CURRENT
SS CHARGE CURRENT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
MINIMUM CONTROLLABLE ON TIME
MINIMUM CONTROLLABLE DUTY RATIO
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54335 TPS54336


Similar Part No. - TPS54335DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
TPS54335-1A TI1-TPS54335-1A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335-1ADRCR TI1-TPS54335-1ADRCR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
TPS54335-1ADRCR TI1-TPS54335-1ADRCR Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335-1ADRCT TI1-TPS54335-1ADRCT Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54335DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54228 TI1-TPS54228 Datasheet
372Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFT
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54227 TI1-TPS54227 Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54239 TI-TPS54239 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5V to 23V Input, 2-A Synchronous Step-Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com