Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNM04S0A0S16NFD Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DNM04S0A0S16NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0S16NFD Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DNM04S0A0S16NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 9Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 10Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 11Page - Delta Electronics, Inc. DNM04S0A0S16NFD Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS_DNL10SIP16_03052009
8
FEATURES DESCRIPTIONS (CON.)
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down. The module will try to restart
after shutdown. If the over-temperature condition still
exists during restart, the module will shut down again.
This restart trial will continue until the temperature is
within specification
Remote Sense
The DNL provide Vo remote sensing to achieve proper
regulation at the load points and reduce effects of
distribution losses on output line. In the event of an open
remote sense line, the module shall maintain local sense
regulation through an internal resistor. The module shall
correct for a total of 0.1V of loss. The remote sense line
impedance shall be < 10
Ω.
RL
Distribution Losses
Distribution Losses
Distribution Losses
Distribution Losses
Vo
Vin
GND
Sense
Figure 23:
Effective circuit configuration for remote sense
operation
Output Voltage Programming
The output voltage of the DNL can be programmed to any
voltage between 0.75Vdc and 5.0Vdc by connecting one
resistor (shown as Rtrim in Figure 24) between the TRIM
and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.7525 Vdc.
To calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:
Rtrim
10500
Vo 0.7525
1000
⎛⎜
⎞⎟
Ω
:=
Rtrim is the external resistor in Ω
Vo is the desired output voltage
For example, to program the output voltage of the DNL
module to 3.3Vdc, Rtrim is calculated as follows:
Rtrim
10500
2.5475
1000
⎛⎜
⎞⎟
Ω
:=
Rtrim = 3.122 kΩ
DNL can also be programmed by applying a voltage
between the TRIM and GND pins (Figure 25). The
following equation can be used to determine the value of
Vtrim needed for a desired output voltage Vo:
Vtrim
0.7
Vo 0.7525
(
) 0.0667
⎡⎣
⎤⎦
:=
Vtrim is the external voltage in V
Vo is the desired output voltage
For example, to program the output voltage of a DNL
module to 3.3 Vdc, Vtrim is calculated as follows
Vtrim
0.7
2.5475 0.0667
(
)
:=
Vtrim = 0.530V
Figure 24:
Circuit configuration for programming output voltage
using an external resistor
Figure 25:
Circuit Configuration for programming output voltage
using external voltage source


Similar Part No. - DNM04S0A0S16NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0S16NFD DELTA-DNM04S0A0S16NFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S16NFD DELTA-DNM04S0A0S16NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S16NFD DELTA-DNM04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0S16NFD DELTA-DNM04S0A0S16NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM04S0A0S16NFD DELTA-DNM04S0A0S16NFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results

Similar Description - DNM04S0A0S16NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com