Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1163LIWI-45-GT3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT1163LIWI-45-GT3
Description  Supervisory Circuits with Supervisory Circuits with
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1163LIWI-45-GT3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT1163LIWI-45-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 10Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 11Page - ON Semiconductor CAT1163LIWI-45-GT3 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT1163
http://onsemi.com
10
Figure 10. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
Figure 11. Sequential Read Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
ORDERING INFORMATION
Orderable Part Numbers − CAT1163 Series
(See Notes 1 − 4)
Device
Reset Threshold
Voltage
Package−Pins
Shipping
CAT1163LI−45−G
4.50 V − 4.75 V
PDIP−8
3000 Tape & Reel
CAT1163LI−42−G
4.25 V − 4.50 V
CAT1163LI−30−G
3.00 V − 3.15 V
CAT1163LI−28−G
2.85 V − 3.00 V
CAT1163LI−25−G
2.55 V − 2.70 V
CAT1163WI−45−GT3
4.50 V − 4.75 V
SOIC−8
CAT1163WI−42−GT3
4.25 V − 4.50 V
CAT1163WI−30−GT3
3.00 V − 3.15 V
CAT1163WI−28−GT3
2.85 V − 3.00 V
CAT1163WI−25−GT3
2.55 V − 2.70 V
1. All packages are RoHS−compliant (Lead−free, Halogen−free).
2. The standard lead finish is NiPdAu.
3. For additional package and temperature options, please contact your nearest
ON Semiconductor Sales office.
4. For detailed information and a breakdown of device nomenclature and numbering
systems, please see the ON Semiconductor Device Nomenclature document,
TND310/D, available at www.onsemi.com


Similar Part No. - CAT1163LIWI-45-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1163LI-25 CATALYST-CAT1163LI-25 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163LI-25-G CATALYST-CAT1163LI-25-G Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1163LI-25-G ONSEMI-CAT1163LI-25-G Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163LI-25-GT2 CATALYST-CAT1163LI-25-GT2 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163LI-25-GT3 CATALYST-CAT1163LI-25-GT3 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results

Similar Description - CAT1163LIWI-45-GT3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX6324HUT23-T MAXIM-MAX6324HUT23-T Datasheet
174Kb / 13P
   Supervisory Circuits with Windowed
Rev 6; 1/11
logo
Analog Devices
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
N84C161 ONSEMI-N84C161_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Analog Devices
ADM705 AD-ADM705_08 Datasheet
338Kb / 12P
   Supervisory Circuits
Rev. G
logo
ON Semiconductor
CAT1024 ONSEMI-CAT1024_18 Datasheet
404Kb / 23P
   Supervisory Circuits
May, 2018 ??Rev. 21
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com