Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNM10S0A0R06PFD Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DNM10S0A0R06PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM10S0A0R06PFD Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DNM10S0A0R06PFD Datasheet HTML 1Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 2Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 3Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM10S0A0R06PFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS_DNL10SMD_07182012
2
TECHNICAL SPECIFICATIONS
TA = 25°C, airflow rate = 300 LFM, Vin = 8.3Vdc and 14Vdc, nominal Vout unless otherwise noted.
PARAMETER
NOTES and CONDITIONS
DNL10S0A0S20 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
0
15
Vdc
Tracking Voltage
0
Vin,max
Vdc
Operating Temperature
-40
85
°C
Storage Temperature
-55
+125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
Vo,set≦3.63Vdc
8.3
12
14
V
Vo,set>3.63Vdc
8.3
12
13.2
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
7.9
V
Turn-Off Voltage Threshold
7.8
V
Maximum Input Current
Vin=Vin,min to Vin,max, Io=Io,max
14
A
No-Load Input Current
100
mA
Off Converter Input Current
2
mA
Inrush Transient
Vin= Vin,min to Vin,max, Io=Io,min to Io,max
0.4
A
2S
Recommended Input Fuse
15
A
OUTPUT CHARACTERISTICS
Output Voltage Set Point
Vin=12V, Io=Io,max
-2.0
Vo,set
+2.0
% Vo,set
Output Voltage Adjustable Range
0.7525
5
V
Output Voltage Regulation
Over Line
Vin=Vin,min to Vin,max
0.3
% Vo,set
Over Load
Io=Io,min to Io,max
0.4
% Vo,set
Over Temperature
Ta= -40℃ to 85℃
0.4
% Vo,set
Total Output Voltage Range
Over sample load, line and temperature
-2.5
+3.5
% Vo,set
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Vin=min to max, Io=min to max.1µF ceramic, 100uF ceramic.
35
75
mV
RMS
Vin=min to max, Io=min to max.1µF ceramic, 100uF ceramic.
10
20
mV
Output Current Range
0
20
A
Output Voltage Over-shoot at Start-up
Vout=3.3V
1
% Vo,set
Output DC Current-Limit Inception
150
% Io
Output Short-Circuit Current (Hiccup mode)
Io,s/c
3
Adc
DYNAMIC CHARACTERISTICS
Dynamic Load Response
470uF poscap & 100µF+1uF ceramic load cap, 5A/µs,
Positive Step Change in Output Current
50% Io, max to 100% Io, max
150
mVpk
Negative Step Change in Output Current
100% Io, max to 50% Io, max
150
mVpk
Settling Time to 10% of Peak Deviation
60
µs
Turn-On Transient
Io=Io.max
Start-Up Time, From On/Off Control
Von/off, Vo=10% of Vo,set
5
ms
Start-Up Time, From Input
Vin=Vin,min, Vo=10% of Vo,set
5
ms
Output Voltage Rise Time
Time for Vo to rise from 10% to 90% of Vo,set
4
6
ms
Output Capacitive Load
Full load; ESR ≧1mΩ
1000
µF
Full load; ESR ≧10mΩ, Vin<9.0V
3500
µF
Full load; ESR ≧10mΩ, Vin≧9.0V
5000
µF
EFFICIENCY
Vo=0.75V
Vin=12V, Io=Io,max
78
%
Vo=1.0V
Vin=12V, Io=Io,max
82
Vo=1.2V
Vin=12V, Io=Io,max
84
%
Vo=1.5V
Vin=12V, Io=Io,max
86
%
Vo=1.8V
Vin=12V, Io=Io,max
88
%
Vo=2.0V
Vin=12V, Io=Io,max
89
Vo=2.5V
Vin=12V, Io=Io,max
90
%
Vo=3.3V
Vin=12V, Io=Io,max
92
%
Vo=5.0V
Vin=12V, Io=Io,max
94
%
FEATURE CHARACTERISTICS
Switching Frequency
300
kHz
ON/OFF Control, (Negative logic)
Logic Low Voltage
Module On, Von/off
-0.2
0.3
V
Logic High Voltage
Module Off, Von/off
2.5
Vin,max
V
Logic Low Current
Module On, Ion/off
10
uA
Logic High Current
Module Off, Ion/off
0.2
1
mA
ON/OFF Control, (Positive Logic)
Logic High Voltage
Module On, Von/off
Vin,max
V
Logic Low Voltage
Module Off, Von/off
-0.2
0.3
V
Logic High Current
Module On, Ion/off
10
uA
Logic Low Current
Module Off, Ion/off
0.2
1
mA
Tracking Slew Rate Capability
0.1
2
V/ms
Tracking Delay Time
Delay from Vin.min to application of tracking voltage
10
ms
Tracking Accuracy
Power-up, subject to 2V/mS
100
200
mV
Power-down, subject to 1V/mS
200
400
mV
Remote Sense Range
0.1
V
GENERAL SPECIFICATIONS
MTBF
Io=80%Io, max, Ta=25℃
TBD
M hours
Weight
9
grams
Over-Temperature Shutdown
Refer to Figure 39 for the measuring point
130
°C


Similar Part No. - DNM10S0A0R06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM10S0A0R06PFD DELTA-DNM10S0A0R06PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0R06PFD DELTA-DNM10S0A0R06PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM10S0A0R06PFD DELTA-DNM10S0A0R06PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM10S0A0R06PFD DELTA-DNM10S0A0R06PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0R06PFD DELTA-DNM10S0A0R06PFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
More results

Similar Description - DNM10S0A0R06PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com