Electronic Components Datasheet Search |
|
DZ01S1203A Datasheet(PDF) 2 Page - Delta Electronics, Inc. |
|
DZ01S1203A Datasheet(HTML) 2 Page - Delta Electronics, Inc. |
2 / 4 page DS_DB02S/D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc Input Characteristics Parameter Model Min. Typ. Max. Unit 5V Input Models -0.7 --- 11 12V Input Models -0.7 --- 25 24V Input Models -0.7 --- 50 Input Surge Voltage (1 sec. max.) 48V Input Models -0.7 --- 100 5V Input Models 3.5 4 4.5 12V Input Models 4.5 7 9 24V Input Models 8 12 18 Start-Up Voltage 48V Input Models 16 24 36 5V Input Models --- 3.5 4 12V Input Models --- 6.5 8.5 24V Input Models --- 11 17 Under Voltage Shutdown 48V Input Models --- 22 34 VDC Reverse Polarity Input Current --- --- 1 A Short Circuit Input Power --- --- 1500 mW Internal Power Dissipation --- --- 1800 mW Conducted EMI All Models Compliance to EN 55022,class A and FCC part 15,class A Output Characteristics Parameter Conditions Min. Typ. Max. Unit Output Voltage Accuracy --- ±1.0 ±2.0 % Output Voltage Balance Dual Output, Balanced Loads --- ±1.0 ±2.0 % Line Regulation Vin=Min. to Max. --- ±0.3 ±0.5 % Load Regulation Io=25% to 100% --- ±0.5 ±0.75 % Ripple & Noise (20MHz) --- 30 50 mV P-P Ripple & Noise (20MHz) Over Line, Load & Temp. --- --- 75 mV P-P Ripple & Noise (20MHz) --- --- 15 mV rms Transient Recovery Time --- 100 300 uS Transient Response Deviation 25% Load Step Change --- ±3 ±5 % Temperature Coefficient --- ±0.01 ±0.02 %/ ℃ Short Circuit Protection Continuous General Characteristics Parameter Conditions Min. Typ. Max. Unit I/O Isolation Voltage (rated) 60 Seconds 1500 --- --- VDC I/O Isolation Resistance 500 VDC 1000 --- --- MΩ I/O Isolation Capacitance 100KHz, 1V --- 250 420 pF Switching Frequency --- 300 --- KHz MTBF (calculated) MIL-HDBK-217F@25 ℃, Ground Benign 1,000,000 --- --- Hours Recommended Input Fuse 5V Input Models 12V Input Models 24V Input Models 48V Input Models 1000mA Slow-Blow Type 500mA Slow-Blow Type 250mA Slow-Blow Type 120mA Slow-Blow Type Environmental Characteristics Parameter Conditions Min. Max. Unit Operating Temperature Range (with Derating) Ambient -40 +80 ℃ Case Temperature --- +90 ℃ Storage Temperature Range -55 +105 ℃ Humidity (non condensing) --- 95 % rel. H Cooling Free-Air convection Lead Temperature (1.5mm from case for 10Sec.) --- 260 ℃ P2 |
Similar Part No. - DZ01S1203A |
|
Similar Description - DZ01S1203A |