Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6501SRJZP085-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADT6501SRJZP085-RL
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6501SRJZP085-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT6501SRJZP085-RL Datasheet HTML 2Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 3Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 4Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 5Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 6Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 7Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 8Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 9Page - Analog Devices ADT6501SRJZP085-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADT6501/ADT6502/ADT6503/ADT6504
Data Sheet
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Trip Threshold Accuracy
Figure 6. Operating Supply Current vs. Temperature
Figure 7. ADT6502/ADT6504 Output Source Resistance vs. Temperature
Figure 8. Output Sink Resistance vs. Temperature
Figure 9. Thermal Step Response in Perfluorinated Fluid
Figure 10. Thermal Step Response in Still Air
35
0
–0.5
TEMPERATURE ACCURACY (°C)
30
25
20
15
10
5
–0.4
–0.3
–0.2
–0.1
0.1
0.2
0.3
0.4
0.5
SAMPLE SIZE = 300
45
0
TEMPERATURE (°C)
40
35
30
25
20
15
10
5
–40
–10
25
75
120
3.3V
5V
180
0
–55
TEMPERATURE (°C)
160
140
120
100
80
60
40
20
–10
25
70
100
125
5.5V
3.3V
2.7V
80
0
–55
TEMPERATURE (°C)
–10
25
70
100
125
5.5V
3.3V
2.7V
70
60
50
40
30
20
10
120
0
TIME (s)
0
12.8
100
80
60
40
20
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
8.8
9.6
10.4
11.2
12.0
140
0
TIME (s)
0
120
100
80
60
40
20
3.6
7.2
10.8
14.4
18.0
21.6
25.2
28.8
32.4
36.0
39.6
43.2
46.8
50.4
54.0
57.6
61.2


Similar Part No. - ADT6501SRJZP085-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP085-RL AD-ADT6501SRJZP085-RL Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6501SRJZP085-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com