Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6503SRJZN035RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT6503SRJZN035RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503SRJZN035RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADT6503SRJZN035RL7 Datasheet HTML 1Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 2Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 3Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 4Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 5Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 6Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 7Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 8Page - Analog Devices ADT6503SRJZN035RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. ADT6501/ADT6502 Pin Configuration
Figure 4. ADT6503/ADT6504 Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
ADT6501 ADT6502 ADT6503 ADT6504 Mnemonic Description
1, 2
1, 2
1, 2
1, 2
GND
Ground.
3
3
3
3
HYST
Hysteresis Input. Connects HYST to GND for 2°C hysteresis or connects to
VCC for 10°C hysteresis.
4
4
4
4
VCC
Supply Input (2.7 V to 5.5 V).
5
TOVER
Open-Drain, Active Low Output. TOVER goes low when the temperature of
the part exceeds the factory-programmed threshold; must use a pull-up
resistor.
5
TOVER
Push-Pull, Active High Output. TOVER goes high when the temperature of
the part exceeds the factory-programmed threshold.
5
TUNDER
Open-Drain, Active Low Output. TUNDER goes low when the temperature
of the part exceeds the factory-programmed threshold; must use a pull-up
resistor.
5
TUNDER
Push-Pull, Active High Output. TUNDER goes high when the temperature
of the part exceeds the factory-programmed threshold.
GND
1
GND
2
HYST
3
TOVER/
TOVER
5
VCC
4
ADT6501/
ADT6502
TOP VIEW
(Not to Scale)
GND
1
GND
2
HYST
3
TUNDER/
TUNDER
5
VCC
4
ADT6503/
ADT6504
TOP VIEW
(Not to Scale)


Similar Part No. - ADT6503SRJZN035RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503SRJZN035RL7 AD-ADT6503SRJZN035RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6503SRJZN035RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com