Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6503SRJZP015RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADT6503SRJZP015RL7
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503SRJZP015RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT6503SRJZP015RL7 Datasheet HTML 3Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 4Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 5Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 6Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 7Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 8Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 9Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 10Page - Analog Devices ADT6503SRJZP015RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADT6501/ADT6502/ADT6503/ADT6504
Rev. B | Page 7 of 16
Figure 11. Hysteresis vs. Trip Temperature
Figure 12. ADT6501 Start-Up and Power-Down
Figure 13. ADT6501 Start-Up Delay
Figure 14. Operating Supply Current vs. Voltage Over Temperature
12
0
–45
TEMPERATURE (°C)
10
8
6
4
2
–25
–15
15
25
35
65
75
115
VCC = 3.3V
10°C
2°C
CH1 2.0V
CH2 2.0V
M 10.0µs
50.0MS/s
20.0ns/pt
A CH1
1.68V
2
1
TOVER
VCC
CH1 2.0V
CH2 2.0V
M 10.0ms
50.0kS/s
20.0µs/pt
A CH1
1.68V
2
1
TOVER
VCC
45
0
2.4
5.6
VCC (V)
40
35
30
25
20
15
10
5
2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4
–40ºC
–10ºC
+25ºC
+75ºC
+120ºC


Similar Part No. - ADT6503SRJZP015RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503SRJZP015RL7 AD-ADT6503SRJZP015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6503SRJZP015RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6501 AD-ADT6501 Datasheet
463Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. PrA
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com