Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3442DV Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # SI3442DV
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI3442DV Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SI3442DV Datasheet HTML 1Page - Fairchild Semiconductor SI3442DV Datasheet HTML 2Page - Fairchild Semiconductor SI3442DV Datasheet HTML 3Page - Fairchild Semiconductor SI3442DV Datasheet HTML 4Page - Fairchild Semiconductor SI3442DV Datasheet HTML 5Page - Fairchild Semiconductor SI3442DV Datasheet HTML 6Page - Fairchild Semiconductor SI3442DV Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SI3442DV Rev.A
-50
-25
0
25
50
75
100
125
150
0.92
0.96
1
1.04
1.08
1.12
T
, JUNCTION TEMPERATURE (°C)
J
I = 250µA
D
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
5
10
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
=0V
GS
SD
Figure 7. Breakdown Voltage Variation with
Temperature.
Figure 8. Body Diode Forward Voltage Variation with
Source Current and Temperature
.
Typical Electrical Characteristics (continued)
0
3
6
9
12
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I
= 4.1A
D
V
= 5V
DS
10V
15V
0.1
0.2
0.5
1
2
5
10
20
50
100
200
300
600
1000
1500
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
f = 1 MHz
V
= 0V
GS
Coss
Ciss
Crss
G
D
S
VDD
R
L
V
V
IN
OUT
V
GS
DUT
R
GEN
Figure 9. Capacitance Characteristics
.
Figure 10. Gate Charge Characteristics.
Figure 11. Switching Test Circuit
.
Figure 12. Switching Waveforms
.
10%
50%
90%
10%
90%
90%
50%
V
IN
V
OUT
on
off
d(off)
f
r
d(on)
t
t
t
t
t
t
INVERTED
10%
PULSE WIDTH


Similar Part No. - SI3442DV

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI3442DV-T1-E3 VBSEMI-SI3442DV-T1-E3 Datasheet
476Kb / 9P
   N-Channel 30 V (D-S) MOSFET
SI3442DV-T1-GE3 VBSEMI-SI3442DV-T1-GE3 Datasheet
476Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI3442DV

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com