Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0083332NLT Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG0083332NLT
Description  SMT POWER INDUCTORS Flat Coils - PG0083 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0083332NLT Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG0083332NLT Datasheet HTML 1Page - Pulse A Technitrol Company PG0083332NLT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
59
SPM2006 (4/06)
SMT POWER INDUCTORS
Flat Coils - PG0083 Series
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
BIAS CURRENT (A)
0
5
10
15
20
25
30
35
40
45
50
PG0083.401
PG0083.472
PG0083.182
PG0083.102
PG0083.601
PG0083.332
PG0083.232
Inductance vs Current Characteristics
Notes from Tables
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance at Irated is a typical inductance value for the
component taken at rated current.
3. The rated current listed is the lower of the saturation current
@ 25°C or the heating current.
4. The saturation current, Isat, is the current at which the
component inductance drops by 20% (typical) at an ambient
temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a
short duration pulse current (to eliminate self-heating effects) to
the component.
5. The heating current, IDC, is the DC current required to raise the
component temperature by approximately 40°C. The heating
current is determined by mounting the component on a typical
PCB and applying current for 30 minutes. The temperature is
measured by placing the thermocouple on top of the unit under
test. Take note that the component’s performance varies
depending on the system condition. It is suggested that the
component be tested at the system level, to verify the
temperature rise of the component during system operation.
6. Core loss approximation is based on published core data:
Core Loss = K1 * (f)1.035 * (K2
ΔI)2.263
Where: Core Loss = in Watts
f = switching frequency in kHz
K1 & K2 = core loss factors
ΔΔI = delta I across the component in Ampere
K2
ΔΔI = one half of the peak to peak flux density
across the component in Gauss
7. Unless otherwise specified, all testing is made at 100kHz, 0.1VAC.
8. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PG0083.472 becomes
PG0083.472T). Pulse complies to industry standard tape
and reel specification EIA481.


Similar Part No. - PG0083332NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0083 PULSE-PG0083 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS
PG0083.102 PULSE-PG0083.102 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS
PG0083.182 PULSE-PG0083.182 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS
PG0083.232 PULSE-PG0083.232 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS
PG0083.332 PULSE-PG0083.332 Datasheet
85Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PG0083332NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0077.142T PULSE-PG0077.142T Datasheet
135Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0077 and PG0084 Series
PG0006NL PULSE-PG0006NL Datasheet
215Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0006NL and PG0138NL Series
logo
TDK Electronics
NLCV32T-1R5M-EFD TDK-NLCV32T-1R5M-EFD Datasheet
255Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-R47M-EFRD TDK-NLCV25T-R47M-EFRD Datasheet
247Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-4R7M-EFRD TDK-NLCV25T-4R7M-EFRD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-2R2M-EFRD TDK-NLCV25T-2R2M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-220K-EFD TDK-NLCV25T-220K-EFD Datasheet
257Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-1R0M-EFRD TDK-NLCV25T-1R0M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com