Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6670CYPA2 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6670CYPA2
Description  Multicore Fixed and Floating-Point System-on-Chip
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670CYPA2 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320C6670CYPA2 Datasheet HTML 80Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 81Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 82Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 83Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 84Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 85Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 86Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 87Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 226 page
background image
84
Device Configuration
Copyright 2012 Texas Instruments Incorporated
SPRS689D—March 2012
Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670
www.ti.com
Submit Documentation Feedback
3.3.19 Device Speed (DEVSPEED) Register
The Device Speed Register shows the device speed grade. The Device Speed Register is shown below.
Figure 3-18
Device Speed Register (DEVSPEED)
31
23
22
0
DEVSPEED
Reserved
R-n
R-n
Legend: R = Read only; -n = value after reset
Table 3-20
Device Speed Register Field Descriptions
Bit
Field
Description
31-23
DEVSPEED
Indicates the speed of the device (read only)
0b0000 0000 0 = 800 MHz
0b0000 0000 1 = 1000 MHz
0b0000 0001 x = 1200 MHz
0b001x xxxx x = 1200 MHz
0b01xx xxxx x = 1000 MHz
0b1xxx xxxx x = 800 MHz
22-0
Reserved
Reserved. Read only
End of Table 3-20


Similar Part No. - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
More results

Similar Description - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com