Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6670CYPA2 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6670CYPA2
Description  Multicore Fixed and Floating-Point System-on-Chip
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670CYPA2 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320C6670CYPA2 Datasheet HTML 13Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 14Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 15Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 16Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 17Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 18Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 19Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 20Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 226 page
background image
Multicore Fixed and Floating-Point System-on-Chip
Copyright 2012 Texas Instruments Incorporated
Device Overview
17
SPRS689D—March 2012
TMS320C6670
www.ti.com
Submit Documentation Feedback
2 Device Overview
2.1 Device Characteristics
Table 2-1 provides an overview of the TMS320C6670 SoC. The table shows the significant features of the device,
including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type with pin count.
Table 2-1
Characteristics of the C6670 SoC (Part 1 of 2)
Hardware Features
TMS320C6670
Peripherals
DDR3 memory controller (64-bit bus width) [1.5-V I/O]
(clock source = DDRREFCLKN|P)
1
EDMA3 (16 independent channels) [CPU/2 clock rate]
1
EDMA3 (64 independent channels) [CPU/3 clock rate]
2
High-speed 1×/2×/4× Serial RapidIO port (4 lanes)
1
Second-generation Antenna Interface (AIF2)
1
I
2C
1
SPI
1
PCIe (2 lanes)
1
UART
1
10/100/1000 Ethernet
2
Management Data Input/Output (MDIO)
1
64-Bit Timers (configurable)
(internal clock source = CPU/6 clock frequency)
Eight 64-bit or Sixteen 32-bit
General-Purpose Input/Output Port (GPIO)
16
Encoder/Decoder
Coprocessors
VCP2 (clock source = CPU/3 clock frequency)
4
TCP3d (clock source = CPU/2 clock frequency)
3
TCP3e (clock source = CPU/3 clock frequency)
1
FFTC (clock source = CPU/3 clock frequency)
3
BCP (clock source = CPU/3 clock frequency)
1
Accelerators
Receive Accelerator (RAC)
2
Transmit Accelerator (TAC)
1
Rake/Search Accelerator (RSA)
4
Packet Accelerator (PA)
1
Security Accelerator
(1) (SA)
1
On-Chip Memory
Size (Bytes)
6528K
Organization
128KB L1 Program Memory Controller
[SRAM/Cache] 128KB L1 Data Memory Controller
[SRAM/Cache] 4096KB L2 Unified Memory/Cache
2048KB MSM SRAM
128KB L3 ROM
C66x CorePac
Revision ID
CorePac Revision ID Register (address location: 0181 2000h)
See Section 5.5 ‘‘CorePac Revision’’ on page 104.
JTAG BSDL_ID
JTAGID register (address location: 0x02620018)
See Section 3.3.3 ‘‘JTAG ID (JTAGID) Register
Description’’ on page 73
Frequency
MHz
1200 (1.2 GHz) [-1200]
1000 (1.0 GHz) [-1000]
Cycle Time
ns
0.83 ns [-1200]
1 ns [-1000]
Voltage
Core (V)
SmartReflex variable supply
I/O (V)
1.0 V, 1.5 V, and 1.8 V


Similar Part No. - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
More results

Similar Description - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com