Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6670CYPA2 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6670CYPA2
Description  Multicore Fixed and Floating-Point System-on-Chip
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670CYPA2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320C6670CYPA2 Datasheet HTML 16Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 17Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 18Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 19Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 20Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 21Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 22Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 23Page - Texas Instruments TMS320C6670CYPA2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 226 page
background image
20
Device Overview
Copyright 2012 Texas Instruments Incorporated
SPRS689D—March 2012
Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670
www.ti.com
Submit Documentation Feedback
Figure 2-1 shows the DSP core functional units and data paths.
Figure 2-1
CPU (DSP Core) Data Paths
Data Path B
Data Path A
.D1
src2
src1
dst
.S1
src1
src2
dst
.L1
dst
src1
src2
.D2
src2
Register
File B
(B0, B1, B2,
...B31)
Register
File A
(A0, A1, A2,
...A31)
src1
dst
.S2
.L2
src1
src2
dst
dst
src1
src2
Control
Register
2
´
1
´
LD2
ST2
DA2
DA1
LD1
ST1
32
32
32
32
Note:
Default bus width
is 64 bits
(i.e. a register pair)
32
32
32
32
32
32
32
32
32
.M1
src2
src1
dst1
dst2
src1_hi
src2_hi
.M2
src2
src1
dst1
dst2
src1_hi
src2_hi
66xx


Similar Part No. - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
More results

Similar Description - TMS320C6670CYPA2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 206P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com