Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC06XSD200FK Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC06XSD200FK
Description  Dual 6.0 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC06XSD200FK Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC06XSD200FK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC06XSD200FK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
06XSD200
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Unless specified otherwise: 8.0 V
 VPWR  36 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V. Typical values are
average values evaluated under nominal conditions TA = 25 °C, VPWR = 28 V & VDD = 5.0 V, unless specified otherwise.
parameter
Symbol
Min
Typ
Max
Unit
SUPPLY ELECTRICAL CHARACTERISTICS
Supply Voltage Range:
Full Specification compliant
Extended Mode(11)
VPWR
8.0
6.0
36
58
V
VPWR Supply Current, device in wake-up mode, channel On, OpenLoad
Outputs in ON-state,
HS[0:1] open, IN[0:1] > VIH
IPWR(ON)
6.5
8.0
mA
VPWR Supply Current, device in wake-up mode (Standby), channel Off
OpenLoad in OFF-state Detection Disabled, HS[0:1] shorted to
ground with VDD = 5.5 V and RSTB > VWAKE
IPWR(SBY)
6.5
8.0
mA
Sleep State Supply Current
VPWR = 24 V, RSTB = IN[0:1] < VWAKE, HS[0:1] connected to ground
TA = 25 °C
TA = 125 °C
IPWR(SLEEP)
3.0
10.0
60.0
A
VDD Supply Voltage
VDD(ON)
3.0
5.5
V
VDD Supply Current at VDD = 5.5 V
No SPI Communication
8.0 MHz SPI Communication(12)
IDD(ON)
5.0
2.2
mA
VDD Sleep State Current at VDD = 5.5 V with or without VPWR
IDD(SLEEP)
5.0
A
Overvoltage Shutdown Threshold
VPWR(OV)
39
42
45.5
V
Overvoltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Undervoltage Shutdown Threshold(13)
VPWR(UV)
5.0
6.0
V
VPWR Power-On-Reset (POR) Voltage Threshold
(13)
VPWR(POR)
2.2
2.6
4.0
V
VDD Power-On-Reset (POR) Voltage Threshold(13)
VDD(POR)
1.5
2.0
2.5
V
VDD Supply Failure Voltage Threshold (assumed VPWR > VPWR(UV))
VDD(FAIL)
2.2
2.5
2.8
V
Notes
11.
In extended mode, availability of several device functions (channel control, value of RDS(ON), overtemperature protection) is guaranteed,
but compliance with the specified values in this document is not. Below 6.0 V, the device is only protected from overheating (thermal
shutdown). Above VPWR(OV), the channels can only be turned ON when the overvoltage detection function has been disabled.
12.
Typical value guaranteed per design.
13.
When the device recovers from undervoltage and returns to normal mode (6.0 V < VPWR < 58 V) before the end of the auto-retry period
(see Auto-retry), the device performs normally. When VPWR drops below VPWR(UV), undervoltage is detected (see Undervoltage Fault
(Latchable Fault) and EMC Performances).


Similar Part No. - MC06XSD200FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XSD200FK NXP-MC06XSD200FK Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
More results

Similar Description - MC06XSD200FK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC06XSD200 NXP-MC06XSD200 Datasheet
3Mb / 59P
   Dual 6.0 mOhm High Side Switch
Rev. 3.0, 12/2013
logo
Freescale Semiconductor...
06XS4200 FREESCALE-06XS4200 Datasheet
2Mb / 61P
   Dual 24 V 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
logo
Freescale Semiconductor...
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
16XSD200 FREESCALE-16XSD200 Datasheet
1Mb / 60P
   Dual 16 mOhm High Side Switch
logo
NXP Semiconductors
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
   Dual 16 mOhm High-Side Switch
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com