Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77701DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS77701DRG4
Description  FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77701DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS77701DRG4 Datasheet HTML 5Page - Texas Instruments TPS77701DRG4 Datasheet HTML 6Page - Texas Instruments TPS77701DRG4 Datasheet HTML 7Page - Texas Instruments TPS77701DRG4 Datasheet HTML 8Page - Texas Instruments TPS77701DRG4 Datasheet HTML 9Page - Texas Instruments TPS77701DRG4 Datasheet HTML 10Page - Texas Instruments TPS77701DRG4 Datasheet HTML 11Page - Texas Instruments TPS77701DRG4 Datasheet HTML 12Page - Texas Instruments TPS77701DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 2
IO − Output Current − A
TPS77x33
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3.2830
3.2815
3.2800
0.125
0.375
3.2825
3.2820
3.2810
0.25
3.2835
0
3.2805
0.5
0.675
0.75
VI = 4.3 V
TA = 25°C
Figure 3
IO − Output Current − A
1.4975
1.4960
1.4950
1.4970
1.4965
1.4955
1.4985
TPS77x15
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.4980
0.125
0.375
0.25
0
0.5
0.675
0.75
VI = 2.7 V
TA = 25°C
Figure 4
0.125
0.375
0.25
0
0.5
0.675
0.75
IO − Output Current − A
TPS77x25
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.4955
2.4940
2.4920
2.4950
2.4945
2.4935
2.4960
2.4930
2.4925
VI = 3.5 V
TA = 25°C
Figure 5
TA − Free-Air Temperature − °C
TPS77x33
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
VI = 4.3 V
IO = 750 mA
IO = 1 mA


Similar Part No. - TPS77701DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701DRG4 TI-TPS77701DRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77701DRG4 TI1-TPS77701DRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77701DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com