Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77701PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77701PWPR
Description  FAST-TRANSIENT-RESPONSE 750mA LOW-DROPOUT LINEAR REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77701PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS77701PWPR Datasheet HTML 3Page - Texas Instruments TPS77701PWPR Datasheet HTML 4Page - Texas Instruments TPS77701PWPR Datasheet HTML 5Page - Texas Instruments TPS77701PWPR Datasheet HTML 6Page - Texas Instruments TPS77701PWPR Datasheet HTML 7Page - Texas Instruments TPS77701PWPR Datasheet HTML 8Page - Texas Instruments TPS77701PWPR Datasheet HTML 9Page - Texas Instruments TPS77701PWPR Datasheet HTML 10Page - Texas Instruments TPS77701PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS77701, TPS77715, TPS77718, TPS77725, TPS77733 with RESET OUTPUT
TPS77801, TPS77815, TPS77818, TPS77825, TPS77833 with PG OUTPUT
FAST TRANSIENT RESPONSE 750mA LOW DROPOUT LINEAR REGULATORS
SLVS230G − SEPTEMBER 1999 − REVISED JANUARY 2004
www.ti.com
7
electrical characteristics over recommended operating temperature range (TJ = −40
°C to 125°C),
VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 10 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS77701
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS77701
1.5 V
≤ VO ≤ 5.5 V,
0.98VO
1.02VO
TPS77801
1.2 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS77801
1.2 V
≤ VO ≤ 5.5 V,
0.98VO
1.02VO
TPS77x15
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
Output voltage (10 A to 750 mA load)
TPS77x15
TJ = −40°C to 125°C, 2.7 V < VIN < 10 V
1.470
1.530
V
Output voltage (10
µA to 750 mA load)
TPS77x18
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
V
TPS77x18
TJ = −40°C to 125°C, 2.8 V < VIN < 10 V
1.764
1.836
TPS77x25
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
TPS77x25
TJ = −40°C to 125°C, 3.5 V < VIN < 10 V
2.450
2.550
TPS77x33
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS77x33
TJ = −40°C to 125°C, 4.3 V < VIN < 10 V
3.234
3.366
Quiescent current (GND current)
10
µA < IO < 750 mA, TJ = 25°C
85
A
Quiescent current (GND current)
IO = 750 mA
125
µA
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.01
%/V
Load regulation
3
mV
Output noise voltage (TPS77x18)
BW = 200 Hz to 100 kHz, Co = 10 µF,
TJ = 25°C, IC = 750 µA
54
µVrms
Output current limit
VO = 0 V
1.2
1.7
2
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,
TJ = 25°C,
2.7 V < VI < 10 V
1
µA
Standby current
EN = VI,
2.7 V < VI < 10 V
10
µA
FB input current
TPS77x01
FB = 1.5 V
2
nA
High level enable input voltage
1.7
V
Low level enable input voltage
0.9
V
Power supply ripple rejection
f = 1 KHz,
Co = 10 µF,
TJ = 25°C
60
dB
Minimum input voltage for valid RESET
IO(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
(TPS777xx)
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
(TPS777xx)
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
200
ms


Similar Part No. - TPS77701PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77701PWPR TI-TPS77701PWPR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77701PWPR TI1-TPS77701PWPR Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701PWPRG4 TI-TPS77701PWPRG4 Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS77701PWPRG4 TI1-TPS77701PWPRG4 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77701PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
   0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com