Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6215P142NR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6215P142NR-G
Description  0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215P142NR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6215P142NR-G Datasheet HTML 1Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 2Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 3Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 4Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 5Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 6Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 7Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 8Page - Torex Semiconductor XC6215P142NR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
XC6215
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT.
CIRCUIT
VOUT(T)=0.9V, VCE=VIN
1.5V≦VIN≦6.0V
IOUT=1mA
VOUT(T)=1.0V~1.2V, VCE=VIN
VOUT(T)+0.5V≦VIN≦6.0V
IOUT=1mA
Line Regulation
VOUT
VIN VOUT
VOUT(T)≧1.3V, VCE=VIN
VOUT(T)+0.5V≦VIN≦6.0V
IOUT=30mA
-
0.05
0.15
%/V
Input Voltage
VIN
-
1.5
-
6.0
V
-
Output Voltage
Temperature Characteristics
VOUT
Topr VOUT
VIN=VCE=VOUT(T)+1.0V,IOUT=30mA
- 40℃< Topr < 85℃
-
±
100
-
ppm /℃
VOUT=VOUT(E)×0.95
VOUT(T)=0.9V
VIN=VCE= VOUT(T)+2.0V
100
300
-
VOUT=VOUT(E)×0.95
VOUT(T)=1.0V ~ 1.1V
VIN=VCE= VOUT(T)+2.0V
120
300
-
VOUT=VOUT(E)×0.95
VOUT(T)=1.2V ~ 1.3V
VIN=VCE= VOUT(T)+2.0V
160
300
-
VOUT=VOUT(E)×0.95
VOUT(T)=1.4V ~ 2.9V
VIN=VCE= VOUT(T)+2.0V
200
300
-
Current Limit
IIim
VOUT=VOUT(E)×0.95
VOUT(T)≧3.0V
VIN=VCE= VOUT(T)+1.0V
200
300
-
mA
Short Circuit Current
Ishort
VIN=VCE=VOUT(T)+1.0V,
VOUT=0V
-
50
-
mA
CE ‘H’ Level Voltage
VCEH
VIN=VOUT(T)+1.0V
1.0
-
6.0
CE ‘L’ Level Voltage
VCEL
VIN=VOUT(T)+1.0V
-
-
0.3
V
CE ‘H’ Level Current
ICEH
VIN=VCE=VOUT(T)+1.0V
- 0.1
-
0.1
CE ‘L’ Level Current
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS
- 0.1
-
0.1
μ
A
ELECTRICAL CHARACTERISTICS (Continued)
XC6215B Series (Continued)
Ta = 25℃
NOTE:
*1: VOUT(T): Fixed output voltage
*2: VOUT(E) = Effective output voltage
(i.e. the output voltage when “VOUT(T) + 1.0V” is provided at the VIN pin while maintaining a certain IOUT value).
*3: Vdif = { VIN1
(*4)– VOUT1 (*5)}
*4: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
*5: VOUT1 = A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT { VOUT(T) + 1.0V } is input.
*6: Refer to “VOLTAGE CHART”.


Similar Part No. - XC6215P142NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215P142NR-G TOREX-XC6215P142NR-G Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215P142NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B252NR TOREX-XC6215B252NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com