Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC07XSF517EK Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC07XSF517EK
Description  Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC07XSF517EK Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC07XSF517EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC07XSF517EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Document order number: MC07XSF517
Rev. 2.0, 9/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2013. All rights reserved.
Triple 7.0 mOhm and Dual
17 mOhm High Side Switch
The 07XSF517 is the latest achievement in DC motors and lighting
drivers. It belongs to an expanding family to control and diagnose
various types of loads, such as incandescent lamps or light-emitting
diodes (LEDs) with enhanced precision. It combines flexibility through
daisy chainable SPI 5.0 MHz, extended digital and analog feedbacks,
safety, and robustness.
Output edge shaping helps to improve electromagnetic performance.
To avoid shutting off the device upon inrush current, while still being
able to closely track the load current, a dynamic overcurrent threshold
profile is featured. Current of each channel can be sensed with a
programmable sensing ratio. Whenever communication with the
external microcontroller is lost, the device enters a Fail operation mode,
but remains operational, controllable, and protected.
This new generation of high side switch products family facilitates ECU
design due to compatible MCU software and PCB foot prints for each
device variant.
This family is packaged in a Pb-free power-enhanced SOIC package
with an exposed pad, which is End of Life Vehicles directive compliant.
This device is powered by SMARTMOS technology.
Features
• Triple 7.0 m
 and dual 17 m high side switches with high transient
current capability
• 16-bit 5.0 MHz SPI control of overcurrent profiles, channel control
including PWM duty-cycles, output-ON and -OFF OpenLoad
detections, thermal shut-down and prewarning, and fault reporting
• Output current monitoring with programmable synchronization signal
and supply voltage feedback
• Limp Home mode
• External smart power switch control
• Operating voltage is 7.0 to 18 V with sleep current < 5.0 µA,
extended mode from 6.0 to 28 V
•-16 V reverse polarity and ground disconnect protections
• Compatible PCB foot print and SPI software driver among the family
Figure 1. Triple 7.0 mOhm and Dual 17 mOhm Simplified Application Diagram
ENHANCED PENTA HIGH SIDE SWITCH
07XSF517
Applications
• Low voltage exterior lighting
• Low voltage industrial lighting
• Low voltage automation systems
• Halogen lamps
• Incandescent bulbs
• Light-emitting diodes (LEDs)
• HID Xenon ballasts
• DC motors
EK SUFFIX (PB-FREE)
98ASA00367D
54-PIN SOICEP
IN4
VCC
SI
CSB
SO
RSTB
CLK
CSNS
LIMP
IN1
IN2
IN3
VPWR
CP
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
GND
OUT
VPWR
GND
CSNS
Smart Power
07XSF517
VCC
SO
CSB
SCLK
SI
RSTB
CLK
A/D1
TRG1
A/D2
PORT
PORT
PORT
PORT
PORT
GND
SCLK
SYNCB
Main
MCU
VCC
VPWR
GND
5.0 V
Regulator
VPWR
VPWR
IN
M
Solenoid
LED Module
DC Motor
Resistive load
Bulb
Spare


Similar Part No. - MC07XSF517EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
More results

Similar Description - MC07XSF517EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC07XS3200 NXP-MC07XS3200 Datasheet
1Mb / 47P
   Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
   Penta 17 mOhm High Side Switch
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com