Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L07A Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # FL75L07A
Description  Small size: 25.4mm x 25.4mm x 12.0mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L07A Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button FL75L07A_12 Datasheet HTML 3Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 4Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 5Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 6Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 7Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 8Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 9Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 10Page - Delta Electronics, Inc. FL75L07A_12 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS_FL75L07_02162012
11
PART NUMBERING SYSTEM
FL
75
L
07
A
Product Family
Input Voltage
Product Series
Output Current
Option Code
FL- Filter
0 ~ 75V
L – standard
7A
A - Standard, SMD pins (7A only)
B - Standard, through hole pins
MODEL LIST
Module Name
Input Voltage (max.)
Current Rating (max.)
Size (metric)
Size (English unit)
FL75L05 A
75V
5A
25.4 x 25.4 x 10.2 mm
1.0 in. x 1.0 in. x 0.4 in.
FL75L07 A
75V
7A
25.4 x 25.4 x 12.0 mm
1.0 in. x 1.0 in. x 0.47 in
FL75L10 A
75V
10A
50.8 x 27.9 x 12.5 mm
2.0 in. x 1.1 in. x 0.5 in.
FL75L20 A
75V
20A
50.8 x 40.6 x 12.7 mm
2.0 in. x 1.6 in. x 0.5 in.
CONTACT: www.delta.com.tw/dcdc
USA:
Telephone:
East Coast: (888) 335 8201
West Coast: (888) 335 8208
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +41 31 998 53 11
Fax: +41 31 998 53 53
Email: DCDC@delta-es.tw
Asia & the rest of world:
Telephone: +886 3 4526107 ext 6220
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for
any infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.


Similar Part No. - FL75L07A_12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L07A DELTA-FL75L07A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L07A DELTA-FL75L07A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
More results

Similar Description - FL75L07A_12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
SunLED Corporation
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C SUNLED-DUR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BS-CA1EGRD BRIGHT-BS-CA1EGRD Datasheet
306Kb / 3P
   25.4mm (1.0) high digit seven segments display
logo
Kingbright Corporation
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25A SUNLED-DMR25A Datasheet
203Kb / 5P
   25.4mm (1.0 )SINGLE DIGIT NUMERIC DISPLAY
DUY25C SUNLED-DUY25C Datasheet
202Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR25A SUNLED-DUR25A Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com