Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L10-A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # FL75L10-A
Description  Small size: 25.4mm x 25.4mm x 12.0mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L10-A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  FL75L10-A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 7Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 8Page - Delta Electronics, Inc. FL75L10-A Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS_FL75L07_02162012
3
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s filter modules are characterized in heated
vertical
wind
tunnels
that
simulate
the
thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The filter module is mounted on
a test PWB and is vertically positioned within the wind
tunnel. The space between the neighboring PWB and
the top of the power module is 6.35mm (0.25”).
Thermal Derating
Heat can be removed by increasing airflow over the
module. Figure 4 shows maximum output is a function of
ambient temperature and airflow rate. To enhance
system reliability, the power module should always be
operated below the maximum operating temperature. If
the
temperature
exceeds
the
maximum
module
temperature, reliability of the unit may be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
10 (0.4”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 4: Wind tunnel test setup
THERMAL CURVES
Figure 5: Temperature measurement location
The allowed maximum hot spot temperature is defined at 115
FL75L07 A (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 48V (Either Orientation)
0
1
2
3
4
5
6
7
8
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
300LFM
Natural
Convectio
200LFM
100LFM
Figure 6: Output Current vs. Ambient Temperature and Air
Velocity @ Vin = 48V (Either Orientation)


Similar Part No. - FL75L10-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
FL75L10A DELTA-FL75L10A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L10A DELTA-FL75L10A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L10A DELTA-FL75L10A Datasheet
275Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 10A max output current
FL75L10A DELTA-FL75L10A Datasheet
340Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
More results

Similar Description - FL75L10-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
SunLED Corporation
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C SUNLED-DUR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BS-CA1EGRD BRIGHT-BS-CA1EGRD Datasheet
306Kb / 3P
   25.4mm (1.0) high digit seven segments display
logo
Kingbright Corporation
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25A SUNLED-DMR25A Datasheet
203Kb / 5P
   25.4mm (1.0 )SINGLE DIGIT NUMERIC DISPLAY
DUY25C SUNLED-DUY25C Datasheet
202Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR25A SUNLED-DUR25A Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com