Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL75L20-A Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # FL75L20-A
Description  Small size: 25.4mm x 25.4mm x 12.0mm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20-A Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button FL75L20-A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 7Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 8Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 9Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 10Page - Delta Electronics, Inc. FL75L20-A Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DS_FL75L07_02162012
8
MECHANICAL DRAWING(Through hole)
0.75x0.6 (5x)
(0.030x0.024)
2.8(0.11)
19.80(0.780)
Vo-
Vo+
Vin-
G
Vin+
L
I
N
E
L
O
A
D
12.2(0.48)
2.6(0.10)
4.8(0.19)
25.4(1.00)
Vin-
G
Vin+
Vo-
Vo+
TOLERANCES: X.Xmm±0.5mm(X.XX in.±0.02 in.)
DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
X.XXmm±0.25mm(X.XXX in.±0.010 in.)
NOTES:
RECOMMAMD PWB PAD LAYOUT
25.4(1.00)
Vin-
G
Vin+
Vo-
Vo+
1.20(0.047)
2.8(0.11)
19.80(0.780)


Similar Part No. - FL75L20-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
340Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
More results

Similar Description - FL75L20-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
   1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
logo
SunLED Corporation
DMR25C SUNLED-DMR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C SUNLED-DUR25C Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
DUG25C SUNLED-DUG25C Datasheet
203Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BS-CA1EGRD BRIGHT-BS-CA1EGRD Datasheet
306Kb / 3P
   25.4mm (1.0) high digit seven segments display
logo
Kingbright Corporation
SC10-21YWA KINGBRIGHT-SC10-21YWA Datasheet
216Kb / 5P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25A SUNLED-DMR25A Datasheet
203Kb / 5P
   25.4mm (1.0 )SINGLE DIGIT NUMERIC DISPLAY
DUY25C SUNLED-DUY25C Datasheet
202Kb / 5P
   25.4mm (1.0 ) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA10-21SRWA KINGBRIGHT-SA10-21SRWA Datasheet
120Kb / 4P
   25.4mm (1.0 INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUR25A SUNLED-DUR25A Datasheet
204Kb / 5P
   25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com