Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE12S0A0V10PNFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # NE12S0A0V10PNFA
Description  Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V10PNFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button NE12S0A0V10PNFA_13 Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 9Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 10Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 11Page - Delta Electronics, Inc. NE12S0A0V10PNFA_13 Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS_NE12S10A_07092013
10
THERMAL CURVES (NE12S0A0V10)
NE12S0A0V10(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=12V Vout=5.0V (Through PCB Orientation)
0
1
2
3
4
5
6
7
8
9
10
11
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
300LFM
Output Current (A)
Ambient Temperature (℃)
400LFM
500LFM
100LFM
200LFM
600LFM
Figure 28: Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=5.0V(Through PCB Orientation)
NE12S0A0V10(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=5.0V Vout=0.9V (Through PCB Orientation)
0
1
2
3
4
5
6
7
8
9
10
11
25
30
35
40
45
50
55
60
65
70
75
80
85
100LFM
200LFM
Ambient Temperature (℃)
Output Current (A)
500LFM
400LFM
300LFM
600LFM
Natural
Convection
Figure 29: Output current vs. ambient temperature and air
velocity@ Vin=5V, Vout=0.9V(Through PCB Orientation)
NE12S0A0V10(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=5.0V Vout=2.5V (Through PCB Orientation)
0
1
2
3
4
5
6
7
8
9
10
11
25
30
35
40
45
50
55
60
65
70
75
80
85
100LFM
200LFM
Ambient Temperature (℃)
Output Current (A)
500LFM
400LFM
300LFM
600LFM
Natural
Convection
Figure 30: Output current vs. ambient temperature and air
velocity@ Vin=5.0V, Vout=2.5V(Through PCB Orientation)
NE12S0A0V10(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=3.3V Vout=0.9V (Through PCB Orientation)
0
1
2
3
4
5
6
7
8
9
10
11
25
30
35
40
45
50
55
60
65
70
75
80
85
100LFM
200LFM
Ambient Temperature (℃)
Output Current (A)
500LFM
400LFM
300LFM
600LFM
Natural
Convection
Figure 31: Output current vs. ambient temperature and air
velocity @Vin=3.3V, Vout=0.9V(Through PCB Orientation)
NE12S0A0V10(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin=3.3V Vout=2.5V (Through PCB Orientation)
0
1
2
3
4
5
6
7
8
9
10
11
25
30
35
40
45
50
55
60
65
70
75
80
85
100LFM
200LFM
Ambient Temperature (℃)
Output Current (A)
500LFM
400LFM
300LFM
600LFM
Natural
Convection
Figure 32: Output current vs. ambient temperature and air
velocity @Vin=3.3V, Vout=2.5V(Through PCB Orientation)


Similar Part No. - NE12S0A0V10PNFA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
656Kb / 12P
   Voltage Margining Adjustment
More results

Similar Description - NE12S0A0V10PNFA_13

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com