Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC75N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC75N
Description  Quad bistable transparant latch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC75N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC75N Datasheet HTML 1Page - NXP Semiconductors 74HC75N Datasheet HTML 2Page - NXP Semiconductors 74HC75N Datasheet HTML 3Page - NXP Semiconductors 74HC75N Datasheet HTML 4Page - NXP Semiconductors 74HC75N Datasheet HTML 5Page - NXP Semiconductors 74HC75N Datasheet HTML 6Page - NXP Semiconductors 74HC75N Datasheet HTML 7Page - NXP Semiconductors 74HC75N Datasheet HTML 8Page - NXP Semiconductors 74HC75N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
2 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
3.
Quick reference data
[1]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ ∑(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(C
L × VCC
2
× f
o) = sum of outputs.
4.
Ordering information
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPHL, tPLH
propagation delay
CL =15pF;
VCC =5V
nD to nQ, nQ
-
11
-
ns
LEnn to nQ, nQ
-
11
-
ns
CI
input capacitance
-
3.5
-
pF
CPD
power dissipation
capacitance per latch
VI = GND to VCC
[1] -42
-
pF
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC75N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC75D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC75DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC75PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1


Similar Part No. - 74HC75N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540 NXP-74HC7540 Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
logo
Nexperia B.V. All right...
74HC7540 NEXPERIA-74HC7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
More results

Similar Description - 74HC75N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
   Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
   4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
   4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
   Quad. Bistable Latches
logo
Hitachi Semiconductor
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
   Quad. Bistable Latches
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
   Quad. Bistable Latches
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com