Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9551BS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9551BS
Description  8-bit I2C-bus LED driver with programmable blink rates
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9551BS Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9551BS Datasheet HTML 1Page - NXP Semiconductors PCA9551BS Datasheet HTML 2Page - NXP Semiconductors PCA9551BS Datasheet HTML 3Page - NXP Semiconductors PCA9551BS Datasheet HTML 4Page - NXP Semiconductors PCA9551BS Datasheet HTML 5Page - NXP Semiconductors PCA9551BS Datasheet HTML 6Page - NXP Semiconductors PCA9551BS Datasheet HTML 7Page - NXP Semiconductors PCA9551BS Datasheet HTML 8Page - NXP Semiconductors PCA9551BS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PCA9551_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 31 July 2008
4 of 26
NXP Semiconductors
PCA9551
8-bit I2C-bus LED driver with programmable blink rates
[1]
HVQFN16 package die supply ground is connected to both VSS pin and exposed center pad. VSS pin must
be connected to supply ground for proper device operation. For enhanced thermal, electrical, and board
level performance, the exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need to be incorporated in the
PCB in the thermal pad region.
6.
Functional description
Refer to Figure 1 “Block diagram of PCA9551”.
6.1 Device address
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9551 is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the address byte defines the operation to be performed. When set to logic 1
a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9551, which will be stored in the Control register.
The lowest 3 bits are used as a pointer to determine which register will be accessed.
LED7
12
10
LED driver 7
RESET
13
11
reset input (active LOW)
SCL
14
12
serial clock line
SDA
15
13
serial data line
VDD
16
14
supply voltage
Table 2.
Pin description …continued
Symbol
Pin
Description
SO16, TSSOP16
HVQFN16
Fig 5.
PCA9551 slave address
002aac505
1
1
0
0
A2
A1
A0 R/W
fixed
slave address
hardware
selectable
Reset state: 00h
Fig 6.
Control register
002aac506
0
0
0
AI
0
B2
B1
B0
register address
Auto-Increment flag


Similar Part No. - PCA9551BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9551BS PHILIPS-PCA9551BS Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551BS NXP-PCA9551BS Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
More results

Similar Description - PCA9551BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9551 NXP-PCA9551 Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551 PHILIPS-PCA9551 Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 NXP-PCA9553 Datasheet
155Kb / 26P
   4-bit I2C-bus LED driver with programmable blink rates
Rev. 06-29 December 2008
PCA9550 NXP-PCA9550 Datasheet
149Kb / 26P
   2-bit I2C-bus LED driver with programmable blink rates
Rev. 05-13 October 2008
PCA9552 PHILIPS-PCA9552_06 Datasheet
167Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 05-9 March 2006
PCA9552 NXP-PCA9552_V01 Datasheet
442Kb / 28P
   16-bit I2C-bus LED driver with programmable blink rates
Rev. 5.1 - 25 May 2023
PCA9552 PHILIPS-PCA9552 Datasheet
166Kb / 21P
   16-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9553 PHILIPS-PCA9553 Datasheet
130Kb / 18P
   4-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9550D PHILIPS-PCA9550D Datasheet
130Kb / 17P
   2-bit I2C LED driver with programmable blink rates
2003 May 02
logo
ON Semiconductor
CAT9552WI ONSEMI-CAT9552WI Datasheet
192Kb / 17P
   16-Channel I2C-bus LED Driver with Programmable Blink Rate
Doc. No. MD-9005 Rev B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com