Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT194 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT194
Description  4-bit bidirectional universal shift gister
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT194 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT194 Datasheet HTML 2Page - NXP Semiconductors 74HCT194 Datasheet HTML 3Page - NXP Semiconductors 74HCT194 Datasheet HTML 4Page - NXP Semiconductors 74HCT194 Datasheet HTML 5Page - NXP Semiconductors 74HCT194 Datasheet HTML 6Page - NXP Semiconductors 74HCT194 Datasheet HTML 7Page - NXP Semiconductors 74HCT194 Datasheet HTML 8Page - NXP Semiconductors 74HCT194 Datasheet HTML 9Page - NXP Semiconductors 74HCT194 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
December 1990
9
Philips Semiconductors
Product specification
4-bit bidirectional universal shift register
74HC/HCT194
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
18
32
40
48
ns
4.5
Fig.7
tPHL
propagation delay
MR to Qn
18
32
40
48
ns
4.5
Fig.8
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.7
tW
clock pulse width
HIGH or LOW
16
7
20
24
ns
4.5
Fig.7
tW
master reset pulse
width; LOW
16
7
20
24
ns
4.5
Fig.8
trem
removal time
MR to CP
12
6
15
18
ns
4.5
Fig.8
tsu
set-up time
Dn to CP
14
7
18
21
ns
4.5
Fig.9
tsu
set-up time
S0, S1 to CP
20
10
25
30
ns
4.5
Fig.10
tsu
set-up time
DSR, DSL to CP
14
18
21
ns
4.5
Fig.9
th
hold time
Dn to CP
0
−7
0
0
ns
4.5
Fig.9
th
hold time
S0, S1 to CP
0
−5
0
0
ns
4.5
Fig.10
th
hold time
DSR, DSL to CP
0
−7
0
0
ns
4.5
Fig.9
fmax
maximum clock pulse
frequency
30
70
24
20
MHz
4.5
Fig.7


Similar Part No. - 74HCT194

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT194 PHILIPS-74HCT194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
74HCT194D PHILIPS-74HCT194D Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results

Similar Description - 74HCT194

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
   4-Bit Bidirectional Universal Shift Register
DM54194 NSC-DM54194 Datasheet
121Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
logo
NXP Semiconductors
HEF40194B PHILIPS-HEF40194B Datasheet
73Kb / 8P
   4-bit bidirectional universal shift register
January 1995
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
   4-bit Bidirectional Universal Shift Register
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com